Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5675
Description  Base station power amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5675 Datasheet HTML 5Page - Analog Devices AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices AD5675 Datasheet HTML 10Page - Analog Devices AD5675 Datasheet HTML 11Page - Analog Devices AD5675 Datasheet HTML 12Page - Analog Devices AD5675 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AD5675
Data Sheet
Rev. B | Page 8 of 26
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VOUT0
VDD
VLOGIC
A1
A0
SCL
VOUT1
VOUT3
VREF
RESET
RSTSEL
LDAC
SDA
VOUT6
VOUT7
GAIN
VOUT5
VOUT4
GND
VOUT2
TOP VIEW
(Not to Scale)
AD5675
Figure 4. TSSOP Pin Configuration
Table 7. TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
2
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
3
VDD
Power Supply Input. The AD5675 operates from 2.7 V to 5.5 V. Decouple the VDD supply with a 10 µF capacitor in
parallel with a 0.1 µF capacitor to GND.
4
VLOGIC
Digital Power Supply. The voltage on this pin ranges from 1.8 V to 5.5 V.
5
SCL
Serial Clock Line. This pin is used in conjunction with the SDA line to clock data into or out of the 24-bit input shift
register.
6
A0
Address Input. This pin sets the first LSB of the 7-bit slave address.
7
A1
Address Input. This pin sets the second LSB of the 7-bit slave address.
8
GAIN
Span Set. When this pin is tied to GND, all eight DAC outputs have a span from 0 V to VREF. If this pin is tied to VLOGIC,
all eight DACs output a span of 0 V to 2 × VREF.
9
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
10
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
11
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
12
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
13
GND
Ground Reference Point for All Circuitry on the Device.
14
RSTSEL
Power-On Reset. Tie this pin to GND to power up all eight DACs to zero scale. Tie this pin to VLOGIC to power up all
eight DACs to midscale.
15
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing this pin low allows any or all
DAC registers to be updated if the input registers have new data, which allows all DAC outputs to simultaneously
update. This pin can also be tied permanently low.
16
SDA
Serial Data Input. This pin is used in conjunction with the SCL line to clock data into or out of the 24-bit input shift
register. SDA is a bidirectional, open-drain data line that must be pulled to the supply with an external pull-up resistor.
17
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are ignored.
When RESET is activated, the input register and the DAC register are updated with zero scale or midscale, depending
on the state of the RSTSEL pin.
18
VREF
Reference Input Voltage.
19
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
20
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com