Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5675
Description  Base station power amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5675 Datasheet HTML 12Page - Analog Devices AD5675 Datasheet HTML 13Page - Analog Devices AD5675 Datasheet HTML 14Page - Analog Devices AD5675 Datasheet HTML 15Page - Analog Devices AD5675 Datasheet HTML 16Page - Analog Devices AD5675 Datasheet HTML 17Page - Analog Devices AD5675 Datasheet HTML 18Page - Analog Devices AD5675 Datasheet HTML 19Page - Analog Devices AD5675 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
AD5675
Rev. B | Page 15 of 26
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
TIME (ms)
CL = 0nF
CL = 0.1nF
CL = 1nF
CL = 4.7nF
CL = 10nF
Figure 36. Settling Time vs. Capacitive Load
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
80
100
120
140
160
180
200
TIME (µs)
DAC 0
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
DAC 7
Figure 37. Settling Time, 5.5 V
0
0.1
0.2
0.3
0
1
2
3
–20
0
20
40
60
TIME (µs)
RESET
MIDSCALE, GAIN = 1
ZERO SCALE, GAIN = 1
Figure 38. Hardware Reset
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
LOAD CURRENT (A)
0xFFFF
0x4000
0x0000
0x8000
0xC000
Figure 39. Multiplying Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com