Electronic Components Datasheet Search
  English  ▼

X  

AD5675 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5675
Description  Base station power amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5675 Datasheet HTML 15Page - Analog Devices AD5675 Datasheet HTML 16Page - Analog Devices AD5675 Datasheet HTML 17Page - Analog Devices AD5675 Datasheet HTML 18Page - Analog Devices AD5675 Datasheet HTML 19Page - Analog Devices AD5675 Datasheet HTML 20Page - Analog Devices AD5675 Datasheet HTML 21Page - Analog Devices AD5675 Datasheet HTML 22Page - Analog Devices AD5675 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AD5675
Data Sheet
Rev. B | Page 18 of 26
THEORY OF OPERATION
DIGITAL-TO-ANALOGCONVERTER
The AD5675 is an octal,16-bit,serial input,voltage outputDAC.
The AD5675 operates from a supply voltage of 2.7 V to 5.5 V.
Data is written to the AD5675 in a 24-bit word format via a
2-wire serial interface. The AD5675 incorporates a power-on
reset circuit to ensure thatthe DAC outputpowers up to a known
output state. The device also has a software power-down mode
that reduces the typical currentconsumptionto1 µA.
TRANSFER FUNCTION
The gain of the output amplifier is set to ×1 or ×2 using the gain
select pin (GAIN). When the gain select pin is tied to GND, all
eight DAC outputs have a span from 0 V to VREF. When the gain
select pin is tied to VLOGIC,all eightDACs outputa span of 0 V to 2
× VREF.
DAC ARCHITECTURE
The AD5675 implements a segmented string DAC architecture
with an internal output buffer. Figure 40 shows the internal
block diagram.
INPUT
REGISTER
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTx
GAIN
(GAIN = 1 OR 2)
Figure 40. Single DAC Channel Architecture Block Diagram
The simplified segmented resistor string DAC structure is
shown in Figure 41. The code loaded to the DAC register
determines the node on the string where the voltage is tapped
off and fed into the output amplifier. The voltage is tapped off
by closing one of the switches and connecting the string to the
amplifier. Because each resistance in the string has the same
value, R, the string DAC is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF
Figure 41. Resistor String Structure
Output Amplifier
The output buffer amplifier generates rail-to-rail voltages on its
output, which gives an output range of 0 V to VDD. The actual
range depends on the value of VREF, the GAIN pin, the offset
error, and the gain error. The GAIN pin selects the gain of the
output. If the GAIN pin is tied to GND, all eight outputs have a
gain of 1, and the output range is 0 V to VREF. If the GAIN pin is
tied to VLOGIC, all eight outputs have a gain of 2, and the output
range is 0 V to 2 × VREF.
This amplifier can drive a load of 1 kΩ in parallel with 10 nF
to GND. The slew rate is 0.8 V/µs with a typical ¼ to ¾ scale
settling time of 5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com