Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 1 Page - Analog Devices

  ADF4355 Datasheet HTML 1Page - Analog Devices ADF4355 Datasheet HTML 2Page - Analog Devices ADF4355 Datasheet HTML 3Page - Analog Devices ADF4355 Datasheet HTML 4Page - Analog Devices ADF4355 Datasheet HTML 5Page - Analog Devices ADF4355 Datasheet HTML 6Page - Analog Devices ADF4355 Datasheet HTML 7Page - Analog Devices ADF4355 Datasheet HTML 8Page - Analog Devices ADF4355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Microwave Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4355
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 54 MHz to 6800 MHz
Fractional-N synthesizer and integer-N synthesizer
High resolution 38-bit modulus
Low phase noise, voltage controlled oscillator (VCO)
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
Analog and digital power supplies: 3.3 V
Charge pump and VCO power supplies: 5.0 V typical
Logic compatibility: 1.8 V
Programmable dual modulus prescaler of 4/5 or 8/9
Programmable output power level
RF output mute function
3-wire serial interface
Analog and digital lock detect
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA, WiMAX, GSM,
PCS, DCS, DECT)
Point to point/point to multipoint microwave links
Satellites/VSATs
Test equipment/instrumentation
Clock generation
GENERAL DESCRIPTION
The ADF4355 allows implementation of fractional-N or
integer-N phase-locked loop (PLL) frequency synthesizers
when used with an external loop filter and an external reference
frequency. A series of frequency dividers permits operation
from 54 MHz to 6800 MHz.
The ADF4355 has an integrated VCO with a fundamental
output frequency ranging from 3400 MHz to 6800 MHz. In
addition, the VCO frequency is connected to divide by 1, 2, 4, 8,
16, 32, or 64 circuits that allow the user to generate radio frequency
(RF) output frequencies as low as 54 MHz. For applications that
require isolation, the RF output stage can be muted. The mute
function is both pin and software controllable.
Control of all on-chip registers is through a simple 3-wire interface.
The ADF4355 operates with analog and digital power supplies
ranging from 3.15 V to 3.45 V, with charge pump and VCO
supplies from 4.75 V to 5.25 V. The ADF4355 also contains
hardware and software power-down modes.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
CREG2
VBIAS
REFIN
CLK
DATA
LE
AV
CREG1
DVDD
DD
VP
AGND
CE
CPGND
SDGND AGNDVCO
RSET
VVCO
VTUNE
VREF
RFOUTA+
RFOUTA–
RFOUTB+
RFOUTB–
VCO
CORE
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
STAGE
OUTPUT
STAGE
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
REGISTER
N COUNTER
FRACTION
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
MULTIPLEXER
LOCK
DETECT
÷1/2/4/8
16/32/64
ADF4355
REFINA
B
VRF
AGNDRF
VREGVCO
AVDD
REGISTER
REGISTER
Figure 1.


Similar Part No. - ADF4355

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355 AD-ADF4355 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
Programmable output power level
Rev. B
ADF4355-2 AD-ADF4355-2 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-2BCPZ AD-ADF4355-2BCPZ Datasheet
962Kb / 38P
Programmable output power level
Rev. B
ADF4355-2BCPZ AD-ADF4355-2BCPZ Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
More results

Similar Description - ADF4355

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28EA00 DALLAS-DS28EA00 Datasheet
213Kb / 29P
1-Wire Digital Thermometer with Sequence Detect and PIO
logo
Maxim Integrated Produc...
DS28EA00 MAXIM-DS28EA00 Datasheet
294Kb / 29P
1-Wire Digital Thermometer with Sequence Detect and PIO
Rev 2; 4/09
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
STMicroelectronics
MEMS STMICROELECTRONICS-MEMS Datasheet
1Mb / 2P
analog and digital
Dec-2014
logo
Gennum Corporation
GS9075B GENNUM-GS9075B Datasheet
1Mb / 28P
Lock Detect Output
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
Digital and analog outputs
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
Worldwide Digital and Analog TV Tuner
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
Couples Analog and Digital Signals
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS28EA00 MAXIM-DS28EA00_V01 Datasheet
1,022Kb / 29P
1-Wire Digital Thermometer with Sequence Detect and PIO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com