Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 6Page - Analog Devices ADF4355 Datasheet HTML 7Page - Analog Devices ADF4355 Datasheet HTML 8Page - Analog Devices ADF4355 Datasheet HTML 9Page - Analog Devices ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices ADF4355 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Data Sheet
ADF4355
Rev. A | Page 9 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 4. Open-Loop VCO Phase Noise, 3.4 GHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
Figure 5. Open-Loop VCO Phase Noise, 5.0 GHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
Figure 6. Open-Loop VCO Phase Noise, 6.8 GHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
÷4
÷8
÷16
÷32
÷64
Figure 7. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and Dividers,
VCO = 3.4 GHz, PFD = 61.44 MHz, Loop Bandwidth = 20 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
÷4
÷8
÷16
÷32
÷64
Figure 8. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and Dividers,
VCO = 5.0 GHz, PFD = 61.44 MHz, Loop Bandwidth = 20 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
÷4
÷8
÷16
÷32
÷64
Figure 9. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and Dividers,
VCO = 6.8 GHz, PFD = 61.44 MHz, Loop Bandwidth = 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com