Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 27Page - Analog Devices ADF4355 Datasheet HTML 28Page - Analog Devices ADF4355 Datasheet HTML 29Page - Analog Devices ADF4355 Datasheet HTML 30Page - Analog Devices ADF4355 Datasheet HTML 31Page - Analog Devices ADF4355 Datasheet HTML 32Page - Analog Devices ADF4355 Datasheet HTML 33Page - Analog Devices ADF4355 Datasheet HTML 34Page - Analog Devices ADF4355 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ADF4355
Data Sheet
Rev. A | Page 30 of 35
7. Wait >16 ADC_CLK_DIV cycles. For example, if
ADC_CLK_DIV = 99.417 kHz, wait 16/99417 sec =
161 µs. See the Register 10 section.
8. Register 0 (autocalibration enabled [DB21 = 1]).
For fPFD > 75 MHz (initially lock with half fPFD), use the
following sequence:
1. Register 10.
2. Register 4 (counter reset enabled [DB4 = 1]).
3. Register 2 (for halved fPFD).
4. Register 1 (for halved fPFD).
5. Register 0 (for halved fPFD; autocalibration disabled).
6. Register 4 (counter reset disabled [DB4 = 0])
7. Wait >16 ADC_CLK cycles. For example, if
ADC_CLK = 99.417 kHz, wait 16/99417 sec = 161 μs.
See the Register 10 section for more information.
8. Register 0 (for halved fPFD; autocalibration enabled).
9. Register 2 (for desired fPFD).
10. Register 1 (for desired fPFD).
11. Register 0 (for desired fPFD; autocalibration disabled).
The frequency change only occurs when writing to Register 0.
RF SYNTHESIZER—A WORKED EXAMPLE
Use the following equations to program the ADF4355 synthesizer:
RFOUT =
MOD1
MOD2
FRAC2
FRAC1
INT
+
+
× (fPFD)/RF Divider
(7)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD2 is the auxiliary modulus.
MOD1 is the fixed 24-bit modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
R is the RF reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where 2112.8 MHz RF frequency output (RFOUT) is
required, a 122.88 MHz reference frequency input (REFIN) is
available. Note that the ADF4355 VCO operates in the frequency
range of 3.4 GHz to 6.8 GHz. Therefore, an RF divider of 2 must
be used (VCO frequency = 4225.6 MHz, RFOUT = VCO frequency/
RF divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 43).
In this example, divide the 122.88 MHz reference signal by 2 to
generate a fPFD of 61.44 MHz. The desired channel spacing is
200 kHz.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Figure 43. Loop Closed Before Output Divider
The worked example is as follows:
•
N = VCOOUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
•
INT = int(VCO frequency/fPFD) = 68
•
FRAC = 0.7760416666666667
•
MOD1 = 16,777,216
•
FRAC1 = int(MOD1 × FRAC) = 13019817
•
Remainder = 0.6666666667 or 2/3
•
MOD2 = fPFD/GCD(fPFD/fCHSP) = 61.44
MHz/GCD(61.44 MHz/200 kHz) = 1536
•
FRAC2 = remainder × 1536 = 1024
From Equation 8,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44 MHz
(9)
From Equation 7,
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/224))/2
(10)
where:
INT = 68
FRAC1 = 13,019,817
FRAC2 = 1024
MOD2 = 1536
RF Divider = 2 (see Equation 7)
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. The doubler is useful for increasing the PFD
comparison frequency. To improve the noise performance of
the system, increase the PFD frequency. Doubling the PFD
frequency usually improves noise performance by 3 dB.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency.
SPURIOUS OPTIMIZATION AND FAST LOCK
Narrow loop bandwidths can filter unwanted spurious signals,
but these bandwidths usually have a long lock time. A wider
loop bandwidth achieves faster lock times but may lead to
increased spurious signals inside the loop bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com