Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 25Page - Analog Devices ADF4355 Datasheet HTML 26Page - Analog Devices ADF4355 Datasheet HTML 27Page - Analog Devices ADF4355 Datasheet HTML 28Page - Analog Devices ADF4355 Datasheet HTML 29Page - Analog Devices ADF4355 Datasheet HTML 30Page - Analog Devices ADF4355 Datasheet HTML 31Page - Analog Devices ADF4355 Datasheet HTML 32Page - Analog Devices ADF4355 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADF4355
Data Sheet
Rev. A | Page 28 of 35
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
00
0
00
RESERVED
CONTROL
BITS
1
1
0
000
0
0
0
0
C3(0) C2(1) C1(0)
C4(1)
0
0
0
AE1
AE2
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD8
ADC
CLOCK DIVIDER
AD8
AD7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
AD2
AD1
ADC CLK DIV
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
252
11
0
1
253
11
1
0
254
11
1
1
255
AE1
ADC
0DISABLED
1
ENABLED
AE2
ADC CONVERSION
0
DISABLED
1
ENABLED
Figure 40. Register 10
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6
DB5 DB4
DB3
DB2
DB1
DB0
0
0
00
0
RESERVED
CONTROL
BITS
01
1
0
0
00
1
00
1
10
0
0
0
0
0
0
0
C3(0) C2(1) C1(1)
C4(1)
0
0
0
Figure 41. Register 11 (0x0061300B)
REGISTER 10
Control Bits
With Bits[C4:C1] set to 1010, Register 10 is programmed.
Figure 40 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB14] are reserved. Bits[DB23:DB22] must be set to
11, but all other bits in this range must be set to 0.
ADC Clock Divider (ADC_CLK_DIV)
An on-board analog-to-digital converter (ADC) determines the
VTUNE setpoint relative to the ambient temperature of the ADF4355
environment. The ADC ensures that the initial tuning voltage
in any application is chosen correctly to avoid any temperature
drift issues.
The ADC uses a clock that is equal to the output of the R counter
(or the PFD frequency) divided by ADC_CLK_DIV.
AD8 to AD1 (Bits[DB13:DB6]) set the value of this divider. On
power-up, the R counter is not programmed; however, in these
power-up cases, it defaults to R = 1.
Choose the ADC_CLK_DIV value such that
ADC_CLK_DIV = ceiling(((fPFD/100,000) − 2)/4)
where ceiling() is a function to round up to the nearest integer.
For example, for fPFD = 61.44 MHz, set ADC_CLK_DIV = 154
so that the ADC clock frequency is 99.417 kHz. If ADC_CLK_DIV
is greater than 255, set it to 255.
ADC Conversion Enable
AE2 (Bit DB5) ensures that the ADC performs a conversion
when a write to Register 10 is performed. It is recommended to
enable this mode.
ADC Enable
AE1 (Bit DB4), when set to 1, powers up the ADC for the
temperature dependent VTUNE calibration. It is recommended to
always use this function.
REGISTER 11
The bits in this register are reserved and must be programmed as
described in Figure 41, using a hexadecimal word of 0x0061300B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com