Electronic Components Datasheet Search
  English  ▼

X  

ADRF5130 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5130
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5130 Datasheet HTML 1Page - Analog Devices ADRF5130 Datasheet HTML 2Page - Analog Devices ADRF5130 Datasheet HTML 3Page - Analog Devices ADRF5130 Datasheet HTML 4Page - Analog Devices ADRF5130 Datasheet HTML 5Page - Analog Devices ADRF5130 Datasheet HTML 6Page - Analog Devices ADRF5130 Datasheet HTML 7Page - Analog Devices ADRF5130 Datasheet HTML 8Page - Analog Devices ADRF5130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Bias Voltage Range (VDD)
−0.3 V to +5.5 V
Control Voltage Range (VCTL)
−0.3 V to +5.5 V
RF Input Power,1 Continuous Wave
46.5 dBm
Channel Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +105°C
Peak Reflow Temperature (MSL3)2
260°C
Thermal Resistance (Channel to Package
Bottom)
17°C/W
Electrostatic Discharge (ESD) Sensitivity
HBM
2 kV (Class 2)
CDM
1.25 kV
1
For the recommended operating conditions, see Table 1.
2
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com