Electronic Components Datasheet Search
  English  ▼

X  

ADRF5130 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5130
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5130 Datasheet HTML 1Page - Analog Devices ADRF5130 Datasheet HTML 2Page - Analog Devices ADRF5130 Datasheet HTML 3Page - Analog Devices ADRF5130 Datasheet HTML 4Page - Analog Devices ADRF5130 Datasheet HTML 5Page - Analog Devices ADRF5130 Datasheet HTML 6Page - Analog Devices ADRF5130 Datasheet HTML 7Page - Analog Devices ADRF5130 Datasheet HTML 8Page - Analog Devices ADRF5130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
High Power, 44 W Peak, Silicon SPDT,
Reflective Switch, 0.7 GHz to 3.5 GHz
Data Sheet
ADRF5130
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights ofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Reflective, 50 Ω design
Low insertion loss: 0.6 dB typical to 2.0 GHz
High isolation: 50 dB typical to 2.0 GHz
High power handling
RF input power, continuous wave (CW) atTCASE = 85°C
43 dBm maximum operating
46.5 dBm absolute maximum rating
High linearity
0.1 dB compression (P0.1dB): 46 dBm typical
Input third-order intercept (IP3): 68 dBm typical to 2 GHz
ESD ratings
Human body model (HBM): 2 kV, Class 2
Charged device model (CDM): 1.25 kV
Single positive supply: VDD = 5 V
Positive control, TTL-compatible: VCTL = 0 V or VDD
24-lead, 4 mm × 4 mm LFCSP package (16 mm2)
APPLICATIONS
Cellular/4G infrastructure
Wireless infrastructure
Military and high reliability applications
Test equipment
Pin diode replacement
FUNCTIONAL BLOCK DIAGRAM
RF1
RF2
RFC
VCTL
ADRF5130
Figure 1.
GENERAL DESCRIPTION
The ADRF5130 is a high power, reflective, 0.7 GHz to 3.5 GHz,
silicon, single-pole, double-throw (SPDT) switch in a leadless,
surface-mount package. The switch is ideal for high power and
cellular infrastructure applications, like long-term evolution (LTE)
base stations. TheADRF5130 has high power handling of 43 dBm
(maximum), a low insertion loss of 0.6 dB, input third-order
intercept of 68 dBm (typical), and 0.1 dB compression (P0.1dB)
of 46 dBm. On-chip circuitry operates at a single, positive
supply voltage of 5 V and typical supply current of 1.06 mA,
making the ADRF5130 an ideal alternative to pin diode-based
switches.
The device comes in a RoHS compliant, compact, 24-lead, 4 mm ×
4 mm LFCSP package.


Similar Part No. - ADRF5130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5132-EVALZ AD-ADRF5132-EVALZ Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5132BCPZN AD-ADRF5132BCPZN Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5132BCPZN-R7 AD-ADRF5132BCPZN-R7 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
More results

Similar Description - ADRF5130

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
Low Insertion Loss
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
Low Insertion Loss
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com