Electronic Components Datasheet Search
  English  ▼

X  

ADRF5130 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5130
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5130 Datasheet HTML 3Page - Analog Devices ADRF5130 Datasheet HTML 4Page - Analog Devices ADRF5130 Datasheet HTML 5Page - Analog Devices ADRF5130 Datasheet HTML 6Page - Analog Devices ADRF5130 Datasheet HTML 7Page - Analog Devices ADRF5130 Datasheet HTML 8Page - Analog Devices ADRF5130 Datasheet HTML 9Page - Analog Devices ADRF5130 Datasheet HTML 10Page - Analog Devices ADRF5130 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, ISOLATION, RETURN LOSS, AND IP3
0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1
2
3
4
5
FREQUENCY (GHz)
RF1
RF2
Figure 5. Insertion Loss of RF1 and RF2 vs. Frequency at VDD = 5 V
0
–90
–70
–50
–30
–10
–80
–60
–40
–20
0
1
2
3
4
5
FREQUENCY (GHz)
RF1
RF2
Figure 6. Isolation Between RFC to RF1 or RF2 vs. Frequency at VDD = 5 V
–45
0
–35
–25
–15
–5
–40
–30
–20
–10
0
1
2
3
4
5
FREQUENCY (GHz)
RFC
RF1
RF2
Figure 7. Return Loss vs. Frequency at VDD = 5 V (RFC, RF1, and RF2)
0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1
2
3
4
5
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
Figure 8. Insertion Loss vs. Frequency over Temperature at VDD = 5 V
0
–80
–60
–70
–50
–30
–10
–40
–20
0
1
2
3
4
5
FREQUENCY (GHz)
RF1 ON
RF2 ON
Figure 9. Isolation Between RF1 and RF2 vs. Frequency at VDD = 5 V,
Switch Mode On
74
62
0.5
4.0
FREQUENCY (GHz)
+105°C
+85°C
+25°C
–40°C
64
66
68
70
72
1.0
1.5
2.0
2.5
3.0
3.5
Figure 10. IP3 vs. Frequency over Temperature, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com