Electronic Components Datasheet Search
  English  ▼

X  

ADRF5130 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5130
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5130 Datasheet HTML 3Page - Analog Devices ADRF5130 Datasheet HTML 4Page - Analog Devices ADRF5130 Datasheet HTML 5Page - Analog Devices ADRF5130 Datasheet HTML 6Page - Analog Devices ADRF5130 Datasheet HTML 7Page - Analog Devices ADRF5130 Datasheet HTML 8Page - Analog Devices ADRF5130 Datasheet HTML 9Page - Analog Devices ADRF5130 Datasheet HTML 10Page - Analog Devices ADRF5130 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 10 of 10
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.90
0.85
0.80
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
0.20 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 15. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.85 mm Package Height
(CP-24-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package Option
ADRF5130BCPZ
−40°C to +105°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
ADRF5130BCPZ-R7
−40°C to +105°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
ADRF5130-EVALZ
−40°C to +105°C
Evaluation Board
1
Z = RoHS-Compliant Part.
2
See the Absolute Maximum Ratings section.
©2016–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14081-0-1/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com