Electronic Components Datasheet Search
  English  ▼

X  

SCI7660 Datasheet(PDF) 1 Page - Epson Company

Part # SCI7660
Description  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7660 Datasheet(HTML) 1 Page - Epson Company

  SCI7660 Datasheet HTML 1Page - Epson Company SCI7660 Datasheet HTML 2Page - Epson Company SCI7660 Datasheet HTML 3Page - Epson Company SCI7660 Datasheet HTML 4Page - Epson Company SCI7660 Datasheet HTML 5Page - Epson Company SCI7660 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SCI7660C0B/M0B
s DESCRIPTION
The SCI7660C0B/M0B CMOS DC-DC Converter features high operational performance with low power dissipa-
tion. The booster generates a doubled output voltage from the input.
It is possible to drive the LSI that need another power supply than main power supply. (LCD drivers•Analog LSI
etc.) Its very low power requirement makes it ideal to supply handy equipments with power.
s FEATURES
s BLOCK DIAGRAM
q High performance with low power dissipation
q Simple conversion of VDD(-5V) to +VI(+5V), -2VI(-10V)
q Output current .......................... 30mA Max. (VDD = -5V)
q Power conversion efficiency .... 95% Typ.
q Cascade connection
(two device connected VDD = -5V, VO = -15V)
q Low power ................................ Ideal for dry cell battery
q On-chip CR oscillator
q Package ................................... DIP-8pin (plastic)
SOP4-8pin (plastic)
s VOLTAGE RELATIONS
DC-DC Converter
SCI7660C0B/M0B
q 95% Typical Power Efficiency
q Doubled or Output Voltage
q Voltage Conversion (Positive
⇔ Negative)
PF1097-01
Wide
Voltage
Operation
Products
s PIN CONFIGURATION
s PIN DESCRIPTION
Pin Name Pin No.
Function
OSC1
3
Oscillation resister connection terminal
OSC2
2
VDD
4
Power supply terminal (positive, system supply VCC)
CAP1+
5
Terminal for connection of capacitor for booster (positive)
CAP1–
6
Terminal for connection of capacitor for booster (negative)
VO
7
Output terminal at doubling
VI
8
Power supply terminal (negative, system supply GND)
V1
V0
CAP1–
CAP1+
NC
OSC2
OSC1
VDD
1
2
3
4
8
7
6
5
VCC
(+5V)
GND
(–5V)
VDD=0V
V1=–5V
V0=2V1=–10V
2nd side
1st side
.................
.................
.................
Voltage Converter
CR Oscillator
CAP1+
CAP1–
V0
V1
VDD
OSC1
OSC2


Similar Part No. - SCI7660

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
DC-DC Converter
SCI7661C EPSON-SCI7661C Datasheet
113Kb / 9P
DC-DC Converter
SCI7661M EPSON-SCI7661M Datasheet
113Kb / 9P
DC-DC Converter
More results

Similar Description - SCI7660

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com