Electronic Components Datasheet Search
  English  ▼

X  

SCI7660 Datasheet(PDF) 2 Page - Epson Company

Part # SCI7660
Description  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7660 Datasheet(HTML) 2 Page - Epson Company

  SCI7660 Datasheet HTML 1Page - Epson Company SCI7660 Datasheet HTML 2Page - Epson Company SCI7660 Datasheet HTML 3Page - Epson Company SCI7660 Datasheet HTML 4Page - Epson Company SCI7660 Datasheet HTML 5Page - Epson Company SCI7660 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SCI7660C0B/M0B
s ABSOLUTE MAXIMAM RATINGS
(Ta = 25
°C)
s ELECTRICAL CHARACTERISTICS
(VI = -5V, Ta = -40 to 85
°C)
s RECOMMENDED OPERATING CONDITIONS
(Ta = -40 to 85
°C)
Rating
Symbol
Value
Unit
Input voltage
VI
-10.0 to 0.5
V
Output voltage
VO
Min. -20.0
V
Power dissipation
PD
300 (DIP-8pin) / 150 (SOP4-8pin)
mW
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-65 to 150
°C
Soldering temperature and time
Tsol
260
°C, 10s (at lead)
–
Note: When this IC is soldered in the solder-reflow process, be sure to maintain the reflow furnace at the curve shown in “Fig.
3-5 Temperature Profile for Standard SMD Package (QFP, SOP, PLCC and etc.) of this DATA BOOK. And this IC can
not be exposed to high temperature of the solder dipping.
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Input voltage
VI
-8.0
–
-1.5
V
Output voltage
VO
-16.0
––
V
Booster current consumption
Iopr
RL =
∞, ROSC = 1MΩ, VI = -5V
–
20
30
µA
Stationary current
IQ
RL =
∞, VI = -8V
––
2.0
µA
Output impedamce
RO
IO = 10mA, VI = -5V
–
75
100
Ω
Booster power conversion efficiency
Peff
IO = 5mA, VI = -5V
90
95
–
%
Input leakage current
ILI
OSC1 terminal, VI = -8V
––
2.0
µA
Oscillation frequency
fOSC
ROSC = 1M
Ω, VI = -5V
16
20
24
kHz
Condition
Symbol
Remark
Min.
Typ.
Max.
Unit
VSTA1
ROSC = 1M
Ω, CL/C2 ≤ 1/20*1
––
-1.5
V
Booster start voltage
C2
≥ 10µF Ta = -20 to 85°C
VSTA2
ROSC = 1M
Ω
––
-2.2
V
Booster stop voltage
VSTP
ROSC = 1M
Ω
-1.5
––
V
Output load resistance
RL
RL Min.*2
––
Ω
Output current
IO
––
30
mA
Oscillation frequency
fOSC
10
–
30
kHz
External resistance for oscillation
ROSC
680
–
2000
k
Ω
Capacitor for booster
C1,C2,C3
3.3
––
µF
Notes: *1: Recommended circuity in low voltage operation is shown below.
*2: RL Min. depends on input voltage as shown below.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com