Electronic Components Datasheet Search
  English  ▼

X  

SCI7660 Datasheet(PDF) 5 Page - Epson Company

Part # SCI7660
Description  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7660 Datasheet(HTML) 5 Page - Epson Company

  SCI7660 Datasheet HTML 1Page - Epson Company SCI7660 Datasheet HTML 2Page - Epson Company SCI7660 Datasheet HTML 3Page - Epson Company SCI7660 Datasheet HTML 4Page - Epson Company SCI7660 Datasheet HTML 5Page - Epson Company SCI7660 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SCI7660C0B/M0B
q Negative Voltage Conversion + Positive Voltage Conversion (This circuit produces outputs of
-10V and +3.8V from the -5V input by combination of voltage doubler circuit and positive voltage
conversion circuit.)
s PACKAGE DIMENSIONS
Plastic DIP-8pin
Plastic SOP4-8pin
10
µF
C4 10
µF
C3 10
µF
10
µF
1M
Ω
C1
C2
5V
VI= – 5V
1
2
3
4
8
7
6
5
VO2 = 3.8 V
VO1 = – 10V
VDD =0V
VI = – 5V
+
+
+
–
–
–
+
–
VDD=0V
VO1=–10V
VO2=3.8V
Negative Voltage Conversion+
Positive Voltage Conversion
9.7max
(0.381max)
8
5
14
INDEX
9.1±0.2
(0.358
)
+0.008
–0.007
1.5
(0.059)
0.46±0.1
(0.018
)
+0.004
–0.003
2.54
(0.1)
0
°
15
°
7.62
(0.3)
0.25
(0.01
)
+0.001
–0
+0.03
–0.01
5
8
4
1
INDEX
1.27
(0.05)
5±0.2
(0.197
)
0.35±0.1
(0.014
)
+0.003
–0.004
0.15±0.1
(0.006
)
+0.003
–0.004
0.55
(0.022)
+0.007
–0.008
0.9
(0.035)
Unit : mm
Unit : mm
(inch)
(inch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com