Electronic Components Datasheet Search
  English  ▼

X  

SCI7660 Datasheet(PDF) 4 Page - Epson Company

Part # SCI7660
Description  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7660 Datasheet(HTML) 4 Page - Epson Company

  SCI7660 Datasheet HTML 1Page - Epson Company SCI7660 Datasheet HTML 2Page - Epson Company SCI7660 Datasheet HTML 3Page - Epson Company SCI7660 Datasheet HTML 4Page - Epson Company SCI7660 Datasheet HTML 5Page - Epson Company SCI7660 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SCI7660C0B/M0B
s BASIC EXTERNAL CONNECTION
q Parallel Connection (Output impedance can be reduced by parallel connections.)
q Positive Voltage Conversion (Input voltage can be doubled toward the positive side with diode.)
10
µF
10
µF
1M
Ω
C1
C2
5V
VI= – 5V
1
2
3
4
8
7
6
5
VO = – 10V
10
µF
1M
Ω
C1
1
2
3
4
8
7
6
5
+
–
+
–
+
–
Parallel Connection
q Cascade Connection (Cascade Connection of SCI7660C0B/M0B further increase the output voltage.
Note, however, that the cascade connection increase the output impedance.)
10
µF
10
µF
1M
Ω
C1
C2
5V
VI= – 5V
VO= 3.8V
1
2
3
4
8
7
6
5
+
–
+
–
Positive Voltage Conversion
VDD=0V
10
µF
10
µF
C1
C2
C1
C2
5V
VI= – 5V
VO '= – 15V
VO = – 10V=VI'
VDD =VI= – 5V
10
µF
10
µF
1M
Ω
1M
Ω
Cascade Connection
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
+
–
+
–
+
–
+
–
VDD (0V)
VI(–5V)
VO(–10V)
VO'(–15V)
1st side
2nd side
VDD'
VI'



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com