Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5676
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 4 Page - Analog Devices

  AD5676 Datasheet HTML 1Page - Analog Devices AD5676 Datasheet HTML 2Page - Analog Devices AD5676 Datasheet HTML 3Page - Analog Devices AD5676 Datasheet HTML 4Page - Analog Devices AD5676 Datasheet HTML 5Page - Analog Devices AD5676 Datasheet HTML 6Page - Analog Devices AD5676 Datasheet HTML 7Page - Analog Devices AD5676 Datasheet HTML 8Page - Analog Devices AD5676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 3 of 27
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ, CL = 200 pF, all specifications −40°C to +125°C, unless otherwise noted.
Table 2.
A Grade
B Grade
Test Conditions/Comments
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
16
16
Bits
Relative Accuracy (INL)2
±1.8
±8
±1.8
±3
LSB
Gain = 1
±1.7
±8
±1.7
±3
LSB
Gain = 2
Differential Nonlinearity
(DNL)2
±0.7
±1
±0.7
±1
LSB
Gain = 1
±0.5
±1
±0.5
±1
LSB
Gain = 2
Zero Code Error2
0.8
4
0.8
1.6
mV
Gain = 1 or gain = 2
Offset Error2
−0.75
±6
−0.75
±2
mV
Gain = 1
−0.1
±4
−0.1
±1.5
mV
Gain = 2
Full-Scale Error2
−0.018
±0.28
−0.018
±0.14
% of FSR
Gain = 1
−0.013
±0.14
−0.013
±0.07
% of FSR
Gain = 2
Gain Error2
+0.04
±0.24
+0.04
±0.12
% of FSR
Gain = 1
−0.02
±0.12
−0.02
±0.06
% of FSR
Gain = 2
Total Unadjusted Error (TUE)
+0.03
±0.3
+0.03
±0.18
% of FSR
Gain = 1
+0.006
±0.25
+0.006
±0.14
% of FSR
Gain = 2
Offset Error Drift2, 3
±1
±1
µV/°C
DC Power Supply Rejection
Ratio (PSRR)2, 3
0.25
0.25
mV/V
DAC code = midscale, VDD = 5 V ±
10%
DC Crosstalk2, 3
±2
±2
µV
Due to single channel, full-
scale output change
±3
±3
µV/mA
Due to load current change
±2
±2
µV
Due to powering down (per
channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
0
VREF
V
Gain = 1
0
2 × VREF
0
2 × VREF
V
Gain = 2
Output Current Drive
15
15
mA
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 1 kΩ
Resistive Load4
1
1
kΩ
Load Regulation
183
183
µV/mA
5 V ± 10%, DAC code = midscale,
−30 mA ≤ IOUT ≤ +30 mA
177
177
µV/mA
3 V ± 10%, DAC code = midscale,
−20 mA ≤ IOUT ≤ +20 mA
Short-Circuit Current5
40
40
mA
Load Impedance at Rails6
25
25
Ω
Power-Up Time
2.5
2.5
µs
Exiting power-down mode,
VDD = 5 V
REFERENCE INPUT
Reference Input Current
398
398
µA
VREF = VDD = VLOGIC = 5.5 V, gain = 1
789
789
µA
VREF = VDD = VLOGIC = 5.5 V, gain = 2
Reference Input Range
1
VDD
1
VDD
V
Gain = 1
1
VDD/2
1
VDD/2
V
Gain = 2
Reference Input Impedance
14
14
kΩ
Gain = 1
7
7
kΩ
Gain = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com