Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5676
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices AD5676 Datasheet HTML 20Page - Analog Devices AD5676 Datasheet HTML 21Page - Analog Devices AD5676 Datasheet HTML 22Page - Analog Devices AD5676 Datasheet HTML 23Page - Analog Devices AD5676 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 19 of 27
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5676 is an octal 16-bit, serial input, voltage output DAC.
The device operates from supply voltages of 2.7 V to 5.5 V. Data
is written to the AD5676 in a 24-bit word format via a 3-wire
serial interface. The AD5676 incorporates a power-on reset
circuit to ensure that the DAC output powers up to a known
output state. The device also has a software power-down mode that
reduces the typical current consumption to typically 1 µA.
TRANSFER FUNCTION
The gain of the output amplifier can be set to ×1 or ×2 using the
gain select pin (GAIN) on the TSSOP package or the gain bit on
the LFCSP package. When the GAIN pin is tied to GND, all eight
DAC outputs have a span from 0 V to VREF. When the GAIN pin
is tied to VLOGIC, all eight DACs output a span of 0 V to 2 × VREF.
When using the LFCSP package, the gain bit in the gain setup
register is used to set the gain of the output amplifier. The gain
bit is 0 by default. When the gain bit is 0 the output span of all
eight DACs is 0 V to VREF. When the gain bit is 1 the output
span of all eight DACs is 0 V to 2 × VREF. The gain bit is ignored
on the TSSOP package.
DAC ARCHITECTURE
The DAC architecture implements a segmented string DAC
with an internal output buffer. Figure 41 shows the internal
block diagram.
INPUT
REGISTER
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTx
GAIN
(GAIN = 1 OR 2)
Figure 41. Single DAC Channel Architecture Block Diagram
Figure 42 shows the simplified segmented resistor string DAC
structure. The code loaded to the DAC register determines the
switch on the string that is connected to the output buffer.
Because each resistance in the string has the same value, R, the
string DAC is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF
Figure 42. Simplified Resistor String Structure
Output Amplifiers
The output buffer amplifier generates rail-to-rail voltages on its
output, which gives an output range of 0 V to VDD. The actual
range depends on the value of VREF, the gain setting, the offset error,
and the gain error.
The output amplifiers can drive a load of 1 kΩ in parallel with
10 nF to GND. The slew rate is 0.8 V/µs with a typical ¼ to ¾
scale settling time of 5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com