Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5676
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5676 Datasheet HTML 7Page - Analog Devices AD5676 Datasheet HTML 8Page - Analog Devices AD5676 Datasheet HTML 9Page - Analog Devices AD5676 Datasheet HTML 10Page - Analog Devices AD5676 Datasheet HTML 11Page - Analog Devices AD5676 Datasheet HTML 12Page - Analog Devices AD5676 Datasheet HTML 13Page - Analog Devices AD5676 Datasheet HTML 14Page - Analog Devices AD5676 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 10 of 27
14
13
12
1
3
4
RESET
15 VREF
SDO
LDAC
11 GND
VDD
SYNC
2
VLOGIC
SCLK
5
SDI
NIC = NOT INTERNALLY CONNECTED
AD5676
TOP VIEW
(Not to Scale)
Figure 6. 20-Lead LFCSP Pin Configuration
Table 8. 20-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. The AD5676 operate from 2.7 V to 5.5 V. Decouple VDD with a 10 µF capacitor in parallel with a
0.1 µF capacitor to GND.
2
VLOGIC
Digital Power Supply. The voltage on this pin ranges from 1.8 V to 5.5 V.
3
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, data
transfers in on the falling edges of the next 24 clocks.
4
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
transfers at rates of up to 50 MHz.
5
SDI
Serial Data Input. This device has a 24-bit input shift register. Data is clocked into the register on the falling edge of
the serial clock input.
6
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
7
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
8
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
9
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
10, 16
NIC
Not Internally Connected
11
GND
Ground Reference Point for All Circuitry on the Device.
12
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing this pin low allows any or all
DAC registers to be updated if the input registers have new data. That allows all DAC outputs to simultaneously
update. This pin can also be tied permanently low.
13
SDO
Serial Data Output. This pin can be used to daisy-chain a number of devices together, or it can be used for
readback. The serial data transfers on the rising edge of SCLK and is valid on the falling edge.
14
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are ignored.
When RESET is activated, the input register and the DAC register are updated with zero scale or midscale, depending
on the state of the RSTSEL pin.
15
VREF
Reference Input Voltage.
17
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
18
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.
19
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
20
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
EPAD
Exposed Pad. The exposed pad must be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com