Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5676
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5676 Datasheet HTML 10Page - Analog Devices AD5676 Datasheet HTML 11Page - Analog Devices AD5676 Datasheet HTML 12Page - Analog Devices AD5676 Datasheet HTML 13Page - Analog Devices AD5676 Datasheet HTML 14Page - Analog Devices AD5676 Datasheet HTML 15Page - Analog Devices AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 13 of 27
SUPPLY VOLTAGE (V)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.7
3.2
3.7
4.2
4.7
5.2
VDD = 5V
TA = 25°C
VREF = 2.5V
ZERO CODE ERROR
OFFSET ERROR
Figure 19. Zero Code Error and Offset Error vs. Supply Voltage
IDD FULL SCALE (mA)
0
20
40
60
80
100
120
0.83
0.85
0.87
0.89
0.91
0.93
0.95
0.97
0.99
1.01
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 20. IDD Histogram with External Reference
LOAD CURRENT (A)
–1.4
–1.0
–0.6
–0.2
0.2
0.6
1.0
1.4
0
0.005
0.010
0.015
0.020
0.025
0.030
SINKING –2.7V
SINKING –3V
SINKING –5V
SOURCING –5V
SOURCING –3V
SOURCING –2.7V
Figure 21. Headroom/Footroom (∆VOUT) vs. Load Current
LOAD CURRENT (A)
–2
–1
0
1
2
3
4
5
6
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
VDD = 5V
TA = 25°C
GAIN = 2
VREF = 2.5V
0xFFFF
0xC000
0x8000
0x4000
0x0000
Figure 22. Source and Sink Capability at 5 V
LOAD CURRENT (A)
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
VDD = 3V
TA = 25°C
GAIN = 1
VREF = 2.5V
0xFFFF
0xC000
0x8000
0x4000
0x0000
Figure 23. Source and Sink Capability at 3 V
CODE
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
10000
20000
30000
40000
50000
60000
70000
DEVICE 1
DEVICE 2
DEVICE 3
Figure 24. Supply Current (IDD) vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com