Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5676R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 5 Page - Analog Devices

  AD5676R Datasheet HTML 1Page - Analog Devices AD5676R Datasheet HTML 2Page - Analog Devices AD5676R Datasheet HTML 3Page - Analog Devices AD5676R Datasheet HTML 4Page - Analog Devices AD5676R Datasheet HTML 5Page - Analog Devices AD5676R Datasheet HTML 6Page - Analog Devices AD5676R Datasheet HTML 7Page - Analog Devices AD5676R Datasheet HTML 8Page - Analog Devices AD5676R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 4 of 27
A Grade
B Grade
Test Conditions/Comments
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS3
Input Current
±1
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 ×
VLOGIC
0.3 ×
VLOGIC
V
High, VINH
0.7 ×
VLOGIC
0.7 ×
VLOGIC
V
Pin Capacitance
3
3
pF
LOGIC OUTPUTS (SDO)3
Output Voltage
Low, VOL
0.4
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC −
0.4
VLOGIC −
0.4
V
ISOURCE = 200 μA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
3
3
µA
Power-on, −40°C to +105°C
3
3
µA
Power-on, −40°C to +125°C
3
3
µA
Power-down, −40°C to +105°C
3
3
µA
Power-down, −40°C to +125°C
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VREF +
1.5
5.5
VREF +
1.5
5.5
V
Gain = 2
IDD
Normal Mode7
1.1
1.26
1.1
1.26
mA
−40°C to +85°C
1.1
1.3
1.1
1.3
mA
−40°C to +105°C
All Power-Down Modes8
1
1.7
1
1.7
µA
Three-state, −40°C to +85°C
1
1.7
1
1.7
µA
Power down to 1 kΩ, −40°C to
+85°C
1
2.5
1
2.5
µA
Three-state, −40°C to +105°C
1
2.5
1
2.5
µA
Power down to 1 kΩ, −40°C to
+105°C
1
5.5
1
5.5
µA
Three-state, −40°C to +125°C
1
5.5
1
5.5
µA
Power down to 1 kΩ, −40°C to
+125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280.
2
See the Terminology section.
3
Guaranteed by design and characterization; not production tested.
4
Channel 0, Channel 1, Channel 2, and Channel 3 can together source/sink 40 mA. Similarly, Channel 4, Channel 5, Channel 6, and Channel 7 can together source/sink
40 mA up to a junction temperature of 125°C.
5
VDD = 5 V. The AD5676 includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded
during current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
6
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
7
Interface inactive. All DACs active. DAC outputs unloaded.
8
All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com