Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5676R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 1 Page - Analog Devices

  AD5676R Datasheet HTML 1Page - Analog Devices AD5676R Datasheet HTML 2Page - Analog Devices AD5676R Datasheet HTML 3Page - Analog Devices AD5676R Datasheet HTML 4Page - Analog Devices AD5676R Datasheet HTML 5Page - Analog Devices AD5676R Datasheet HTML 6Page - Analog Devices AD5676R Datasheet HTML 7Page - Analog Devices AD5676R Datasheet HTML 8Page - Analog Devices AD5676R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Octal, 16-Bit nanoDAC+ with SPI Interface
Data Sheet
AD5676
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
High relative accuracy (INL): ±3 LSB maximum at 16 bits
Total unadjusted error (TUE): ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply
Easy implementation
User selectable gain of 1 or 2 (GAIN pin/gain bit)
Reset to zero scale or midscale (RSTSEL pin)
1.8 V logic compatibility
50 MHz SPI with readback or daisy chain
Robust 2 kV HBM and 1.5 kV FICDM ESD rating
20-lead, TSSOP and LFCSP RoHS-compliant packages
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (PLC input/output cards)
Industrial automation
Data acquisition systems
GENERAL DESCRIPTION
The AD5676 is a low power, octal, 16-bit buffered voltage
output digital-to-analog converter (DAC). The device includes
a gain select pin, giving a full-scale output of VREF (gain = 1) or
2 × VREF (gain = 2). The AD5676 DAC operates from a single
2.7 V to 5.5 V supply and is guaranteed monotonic by design.
The AD5676 is available in 20-lead TSSOP and LFCSP packages.
The internal power-on reset circuit and the RSTSEL pin of the
AD5676 ensure that the output DACs power up to zero scale or
midscale and then remain there until a valid write takes place. The
AD5676 contains a per channel power-down mode that typically
reduces the current consumption of the device to 1 µA.
The AD5676 employs a versatile serial peripheral interface (SPI)
that operates at clock rates up to 50 MHz, and contains a VLOGIC pin
intended for 1.8 V to 5.5 V logic.
Table 1. Octal nanoDAC+® Devices
Interface
Reference
16-Bit
12-Bit
SPI
Internal
AD5676R
AD5672R
External
AD5676
Not applicable
I2C
Internal
AD5675R
AD5671R
External
AD5675
Not applicable
PRODUCT HIGHLIGHTS
1. High relative accuracy (INL) 16-bit: ±3 LSB maximum.
2. −40°C to +125°C temperature range.
3. 20-lead, TSSOP and LFCSP RoHS-compliant packages.
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
INPUT
REGISTER
POWER-DOWN
LOGIC
GAIN x1/x2
POWER-ON RESET
DAC
REGISTER
STRING
DAC 0
STRING
DAC 7
DAC
REGISTER
AD5676
GAIN
GND
RSTSEL
SDO
SDI
LDAC
SYNC
SCLK
RESET
INPUT
REGISTER
STRING
DAC 1
DAC
REGISTER
INPUT
REGISTER
STRING
DAC 2
DAC
REGISTER
INPUT
REGISTER
STRING
DAC 3
DAC
REGISTER
INPUT
REGISTER
STRING
DAC 4
DAC
REGISTER
INPUT
REGISTER
STRING
DAC 5
DAC
REGISTER
INPUT
REGISTER
STRING
DAC 6
DAC
REGISTER
BUFFER
VREF
VOUT0
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VDD
VLOGIC
INTERFACE
LOGIC
Figure 1.


Similar Part No. - AD5676R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5676R AD-AD5676R Datasheet
1Mb / 31P
16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
Rev. 0
AD5676R AD-AD5676R Datasheet
1Mb / 32P
16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
Rev. B
AD5676RACPZ-REEL7 AD-AD5676RACPZ-REEL7 Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5676RACPZ-RL AD-AD5676RACPZ-RL Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5676RARUZ AD-AD5676RARUZ Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
More results

Similar Description - AD5676R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
Power Path Implementation Tradeoffs
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
Implementation Guide
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
Dec-2003
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
This application note presents the implementation
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
Serial numbering implementation
23-Aug-2007
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
2U Dual-Socket Server Implementation
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
WIRELESS M-BUS SOFTWARE IMPLEMENTATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com