Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5676R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5676R Datasheet HTML 9Page - Analog Devices AD5676R Datasheet HTML 10Page - Analog Devices AD5676R Datasheet HTML 11Page - Analog Devices AD5676R Datasheet HTML 12Page - Analog Devices AD5676R Datasheet HTML 13Page - Analog Devices AD5676R Datasheet HTML 14Page - Analog Devices AD5676R Datasheet HTML 15Page - Analog Devices AD5676R Datasheet HTML 16Page - Analog Devices AD5676R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 12 of 27
SUPPLY VOLTAGE (V)
–10
–8
–6
–4
–2
0
2
4
6
8
10
2.7
3.2
3.7
4.2
4.7
5.2
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 13. INL Error vs. Supply Voltage
SUPPLY VOLTAGE (V)
–10
–8
–6
–4
–2
0
2
4
6
8
10
2.7
3.2
3.7
4.2
4.7
5.2
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 14. DNL Error vs. Supply Voltage
SUPPLY VOLTAGE (V)
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
2.7
3.2
3.7
4.2
4.7
5.2
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 15. TUE vs. Supply Voltage
TEMPERATURE (°C)
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–40
–20
0
20
40
60
80
100
120
VDD = 5V
TA = 25°C
VREF = 2.5V
FULL-SCALE ERROR
GAIN ERROR
Figure 16. Gain Error and Full-Scale Error vs. Temperature
SUPPLY VOLTAGE (V)
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
2.7
3.2
3.7
4.2
4.7
5.2
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 17. Gain Error and Full-Scale Error vs. Supply Voltage
TEMPERATURE (°C)
–0.6
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
–40
–20
0
20
40
60
80
100
120
ZERO CODE ERROR
OFFSET ERROR
VDD = 5V
TA = 25°C
VREF = 2.5V
Figure 18. Zero Code Error and Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com