Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5676R
Description  Easy implementation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5676R Datasheet HTML 20Page - Analog Devices AD5676R Datasheet HTML 21Page - Analog Devices AD5676R Datasheet HTML 22Page - Analog Devices AD5676R Datasheet HTML 23Page - Analog Devices AD5676R Datasheet HTML 24Page - Analog Devices AD5676R Datasheet HTML 25Page - Analog Devices AD5676R Datasheet HTML 26Page - Analog Devices AD5676R Datasheet HTML 27Page - Analog Devices AD5676R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 23 of 27
LOAD DAC (HARDWARE LDAC PIN)
The AD5676 DAC has a double buffered interface consisting of
two banks of registers: input registers and DAC registers. The
user can write to any combination of the input registers.
Updates to the DAC register are controlled by the LDAC pin.
SYNC
SCLK
VOUTx
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIER
LDAC
SDO
SDI
VREF
INPUT
REGISTER
16-BIT
DAC
Figure 46. Simplified Diagram of Input Loading Circuitry for a Single DAC
Instantaneous DAC Updating (LDAC Held Low)
LDAC is held low while data is clocked into the input register
using Command 0001. Both the addressed input register and
the DAC register are updated on the rising edge of SYNC and
the output begins to change (see Table 15).
Deferred DAC Updating (LDAC is Pulsed Low)
LDAC is held high while data is clocked into the input register
using Command 0001. All DAC outputs are asynchronously
updated by taking LDAC low after SYNC is taken high. The
update occurs on the falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for this hardware LDAC function.
Address bits are ignored. Writing to the DAC using
Command 0101 loads the 8-bit LDAC register (DB7 to DB0).
The default for each channel is 0; that is, the LDAC pin works
normally. Setting the bits to 1 forces this DAC channel to ignore
transitions on the LDAC pin, regardless of the state of the
hardware LDAC pin. This flexibility is useful in applications
where the user wants to select which channels respond to
the LDAC pin.
Table 14. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits
(DB7 to DB0)
LDAC Pin
LDAC Operation
00000000
1 or 0
Determined by the LDAC pin.
11111111
X1
DAC channels update and
override the LDAC pin. DAC
channels see LDAC as 1.
1
X means don’t care.
The LDAC register gives the user extra flexibility and control
over the hardware LDAC pin (see Table 14). Setting the LDAC
bits (DB0 to DB7) to 0 for a DAC channel means that the
update for this channel is controlled by the hardware LDAC pin.
Table 15. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC Pin State
Input Register Contents
DAC Register Contents
0001
Write to Input Register n
(dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update the DAC register
with contents of Input
Register n
VLOGIC
No change
Updated with input register contents
GND
No change
Updated with input register contents
0011
Write to and update DAC
Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high to low hardware LDAC pin transition always updates the contents of the DAC register with the contents of the input register on channels that are not masked
(blocked) by the LDAC mask register.
2
When LDAC is permanently tied low, the LDAC mask bits are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com