Electronic Components Datasheet Search
  English  ▼

X  

AD7403 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7403
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7403 Datasheet HTML 6Page - Analog Devices AD7403 Datasheet HTML 7Page - Analog Devices AD7403 Datasheet HTML 8Page - Analog Devices AD7403 Datasheet HTML 9Page - Analog Devices AD7403 Datasheet HTML 10Page - Analog Devices AD7403 Datasheet HTML 11Page - Analog Devices AD7403 Datasheet HTML 12Page - Analog Devices AD7403 Datasheet HTML 13Page - Analog Devices AD7403 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7403
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
VIN+ 2
VIN– 3
GND1 4
GND2
16
NIC2
15
VDD2
14
MCLKIN
13
NIC1
5
NIC2
12
NIC1
6
MDAT
11
VDD1 7
NIC2
10
GND1 8
GND2
9
1NIC = NOT INTERNALLY CONNECTED. CONNECT TO VDD1, GND1, OR LEAVE FLOATING.
2NIC = NOT INTERNALLY CONNECTED. CONNECT TO VDD2, GND2, OR LEAVE FLOATING.
AD7403
TOP VIEW
(Not to Scale)
Figure 5. AD7403 Pin Configuration
Table 10. AD7403 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
VDD1
Supply Voltage, 4.5 V to 5.5 V. This is the supply voltage for the isolated side of the AD7403 and is relative to GND1.
For device operation, connect the supply voltage to both Pin 1 and Pin 7. Decouple each supply pin to GND1 with
a 10 µF capacitor in parallel with a 1 nF capacitor.
2
VIN+
Positive Analog Input.
3
VIN−
Negative Analog Input. Normally connected to GND1.
4, 8
GND1
Ground 1. This pin is the ground reference point for all circuitry on the isolated side.
5, 6
NIC
Not Internally Connected. These pins are not internally connected. Connect to VDD1, GND1, or leave floating.
9, 16
GND2
Ground 2. This pin is the ground reference point for all circuitry on the nonisolated side.
10, 12, 15
NIC
Not Internally Connected. These pins are not internally connected. Connect to VDD2, GND2, or leave floating.
11
MDAT
Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream. The bits are
clocked out on the rising edge of the MCLKIN input and are valid on the following MCLKIN rising edge.
13
MCLKIN
Master Clock Logic Input. 5 MHz to 20 MHz frequency range. The bit stream from the modulator is propagated on
the rising edge of the MCLKIN.
14
VDD2
Supply Voltage, 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2. Decouple
this supply to GND2 with a 100 nF capacitor.
VDD1 1
VDD2
VIN+ 2
VIN– 3
GND1 4
8
7
6
MCLKIN
MDAT
GND2
5
AD7403-8
TOP VIEW
(Not to Scale)
Figure 6. AD7403-8 Pin Configuration
Table 11. AD7403-8 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Supply Voltage, 4.5 V to 5.5 V. This is the supply voltage for the isolated side of the AD7403-8 and is relative to GND1.
For device operation, connect the supply voltage to both Pin 1 and Pin 7. Decouple each supply pin to GND1 with
a 10 µF capacitor in parallel with a 1 nF capacitor.
2
VIN+
Positive Analog Input.
3
VIN−
Negative Analog Input. Normally connected to GND1.
4
GND1
Ground 1. This pin is the ground reference point for all circuitry on the isolated side.
5
GND2
Ground 2. This pin is the ground reference point for all circuitry on the nonisolated side.
6
MDAT
Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream. The bits are
clocked out on the rising edge of the MCLKIN input and are valid on the following MCLKIN rising edge.
7
MCLKIN
Master Clock Logic Input. 5 MHz to 20 MHz frequency range. The bit stream from the modulator is propagated on
the rising edge of the MCLKIN.
8
VDD2
Supply Voltage, 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2. Decouple
this supply to GND2 with a 100 nF capacitor.
Rev. B | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com