Electronic Components Datasheet Search
  English  ▼

X  

AD7403 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7403
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7403 Datasheet HTML 7Page - Analog Devices AD7403 Datasheet HTML 8Page - Analog Devices AD7403 Datasheet HTML 9Page - Analog Devices AD7403 Datasheet HTML 10Page - Analog Devices AD7403 Datasheet HTML 11Page - Analog Devices AD7403 Datasheet HTML 12Page - Analog Devices AD7403 Datasheet HTML 13Page - Analog Devices AD7403 Datasheet HTML 14Page - Analog Devices AD7403 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7403
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD1 = 5 V, VDD2 = 5 V, VIN+ = −250 mV to +250 mV, VIN− = 0 V, fMCLKIN = 20 MHz, using a sinc3 filter with a 256 oversampling
ratio (OSR), unless otherwise noted.
–120
–100
–80
–60
–40
–20
0
200mV p-p SINE WAVE ON VDD1
1nF DECOUPLING
MCLKIN = 20MHz
MCLKIN = 10MHz
SUPPLY RIPPLE FREQUENCY (Hz)
0
200k
400k
600k
800k
1M
Figure 7. AD7403 PSRR vs. Supply Ripple Frequency
SUPPLY RIPPLE FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
0
200k
400k
600k
800k
1M
200mV p-p SINE WAVE ON VDD1
1nF DECOUPLING
MCLKIN = 20MHz
MCLKIN = 10MHz
Figure 8. AD7403-8 PSRR vs. Supply Ripple Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
1M
RIPPLE FREQUENCY (Hz)
SHORTED INPUTS
200mV p-p SINE WAVE ON INPUTS
MCLKIN = 20MHz, SINC3 DECIMATION RATE = 256
MCLKIN = 10MHz, SINC3 DECIMATION RATE = 256
MCLKIN = 20MHz, UNFILTERED
MCLKIN = 10MHz, UNFILTERED
Figure 9. CMRR vs. Common-Mode Ripple Frequency
70
72
74
76
78
80
82
84
86
88
90
100
1k
10k
ANALOG INPUT FREQUENCY (Hz)
16MHz MCLKIN, VDD1 = 4.5V
16MHz MCLKIN, VDD1 = 5.0V
16MHz MCLKIN, VDD1 = 5.5V
20MHz MCLKIN, VDD1 = 4.5V
20MHz MCLKIN, VDD1 = 5.0V
20MHz MCLKIN, VDD1 = 5.5V
Figure 10. SINAD vs. Analog Input Frequency
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (kHz)
SNR = 88.6dB
fIN = 1kHz
SINAD = 88.3dB
THD = –100.5dB
Figure 11. Typical Fast Fourier Transform (FFT)
0
10
20
30
40
50
60
CODE (k)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
Figure 12. Typical DNL Error
Rev. B | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com