Electronic Components Datasheet Search
  English  ▼

X  

AD7403 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7403
Description  16-Bit, Isolated Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7403 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7403 Datasheet HTML 12Page - Analog Devices AD7403 Datasheet HTML 13Page - Analog Devices AD7403 Datasheet HTML 14Page - Analog Devices AD7403 Datasheet HTML 15Page - Analog Devices AD7403 Datasheet HTML 16Page - Analog Devices AD7403 Datasheet HTML 17Page - Analog Devices AD7403 Datasheet HTML 18Page - Analog Devices AD7403 Datasheet HTML 19Page - Analog Devices AD7403 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD7403
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7403 isolated Σ-Δ modulator converts an analog input
signal into a high speed (20 MHz maximum), single-bit data
stream; the time average single-bit data from the modulator is
directly proportional to the input signal. Figure 27 shows a
typical application circuit where the AD7403 is used to provide
isolation between the analog input, a current sensing resistor or
shunt, and the digital output, which is then processed by a
digital filter to provide an N-bit word.
ANALOG INPUT
The differential analog input of the AD7403 is implemented
with a switched capacitor circuit. This circuit implements a
second-order modulator stage that digitizes the input signal
into a single-bit output stream. The sample clock (MCLKIN)
provides the clock signal for the conversion process as well as
the output data framing clock. This clock source is externally
supplied to the AD7403. The analog input signal is
continuously sampled by the modulator and compared to an
internal voltage reference. A digital stream that accurately
represents the analog input over time appears at the output of
the converter (see Figure 28).
A differential signal of 0 V ideally results in a stream of alter-
nating 1s and 0s at the MDAT output pin. This output is high
50% of the time and low 50% of the time. A differential input of
250 mV produces a stream of 1s and 0s that are high 89.06% of
the time. A differential input of −250 mV produces a stream of
1s and 0s that are high 10.94% of the time.
A differential input of 320 mV ideally results in a stream of all
1s. A differential input of −320 mV ideally results in a stream of
all 0s. The absolute full-scale range is ±320 mV and the specified
full-scale performance range is ±250 mV, as shown in Table 12.
Table 12. Analog Input Range
Analog Input
Voltage Input (mV)
Positive Full-Scale Value
+320
Positive Specified Performance Input
+250
Zero
0
Negative Specified Performance Input
−250
Negative Full-Scale Value
−320
Σ-Δ
MOD/
ENCODER
NONISOLATED
5V/3V
VDD1
GND1
VIN+
VIN–
GND1
VDD1
VDD
GND
VDD2
MDAT
MDAT
SINC3 FILTER*
AD7403
MCLKIN
SDAT
CS
SCLK
MCLK
100nF
GND2
DECODER
1nF
10µF
+400V
–400V
220pF
220pF
10Ω
5.1V
RSHUNT
10Ω
DECODER
ENCODER
1nF
10µF
GATED
DRIVE
CIRCUIT
FLOATING
POWER SUPPLY
GATED
DRIVE
CIRCUIT
FLOATING
POWER SUPPLY
MOTOR
*THIS FILTER IS IMPLEMENTED
WITH AN FPGA OR DSP
Figure 27. Typical Application Circuit
MODULATOR OUTPUT
+FS ANALOG INPUT
–FS ANALOG INPUT
ANALOG INPUT
Figure 28. Analog Input vs. Modulator Output
Rev. B | Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com