Electronic Components Datasheet Search
  English  ▼

X  

AD9528 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9528 Datasheet HTML 34Page - Analog Devices AD9528 Datasheet HTML 35Page - Analog Devices AD9528 Datasheet HTML 36Page - Analog Devices AD9528 Datasheet HTML 37Page - Analog Devices AD9528 Datasheet HTML 38Page - Analog Devices AD9528 Datasheet HTML 39Page - Analog Devices AD9528 Datasheet HTML 40Page - Analog Devices AD9528 Datasheet HTML 41Page - Analog Devices AD9528 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 37 of 67
Figure 41. Serial Control Port Read—MSB First, Address Decrement, Four Bytes of Data
Figure 42. Timing Diagram for Serial Control Port Write—MSB First
Figure 43. Timing Diagram for Serial Control Port Register Read—MSB First
Figure 44. Serial Control Port Write—LSB First, Address Increment, Two Bytes of Data
Figure 45. Serial Control Port Timing—Write
Table 27. Serial Control Port Timing
Parameter
Description
t
DS
Setup time between data and the rising edge of SCLK
t
DH
Hold time between data and the rising edge of SCLK
t
CLK
Period of the clock
t
S
Setup time between the CS falling edge and the SCLK rising edge (start of the communication cycle)
t
C
Setup time between the SCLK rising edge and CS rising edge (end of the communication cycle)
t
HIGH
Minimum period that SCLK is in a logic high state
t
LOW
Minimum period that SCLK is in a logic low state
t
DV
SCLK to valid SDIO (see Figure 43)
CS
SCLK
SDIO
SDO
REGISTER (N) DATA
16-BIT INSTRUCTION HEADER
REGISTER (N – 1) DATA
REGISTER (N – 2) DATA
REGISTER (N – 3) DATA
A12
A13
A14
R/W
A11 A10
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
DON'T CARE
DON'T CARE
DON'T CARE
DON'T
CARE
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
tS
DON'T CARE
DON'T CARE
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
D4
D3
D2
D1
D0
DON'T CARE
DON'T CARE
R/W
tDS
tDH
tHIGH
tLOW
tCLK
tC
CS
SCLK
SDIO
DATA BIT N – 1
DATA BIT N
CS
SCLK
SDIO
SDO
tDV
CS
SCLK DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N + 1) DATA
SDIO
DON'T CARE
DON'T CARE
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12
D1
D0
R/W
A14
A13
D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com