Electronic Components Datasheet Search
  English  ▼

X  

AD9528 Datasheet(PDF) 50 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9528 Datasheet HTML 46Page - Analog Devices AD9528 Datasheet HTML 47Page - Analog Devices AD9528 Datasheet HTML 48Page - Analog Devices AD9528 Datasheet HTML 49Page - Analog Devices AD9528 Datasheet HTML 50Page - Analog Devices AD9528 Datasheet HTML 51Page - Analog Devices AD9528 Datasheet HTML 52Page - Analog Devices AD9528 Datasheet HTML 53Page - Analog Devices AD9528 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 49 of 67
Addr
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
PLL2 Control
0x0200
PLL2 charge pump
control
PLL2 CP current (μA), Bits[7:0]
0x00
0x0201
PLL2 VCO CAL
feedback dividers
A divider, Bits[1:0]
B divider, Bits[5:0]
0x04
0x0202
PLL2 control
Lock detect
power-down
enable
Reserved
Frequency
doubler
enable
Reserved
PLL2 charge pump mode,
Bits[1:0]
0x03
0x0203
PLL2 VCO control
Reserved
Doubler and R1
divider path
enable
Reset VCO
calibration
dividers
Treat
reference as
valid
Force VCO to
midpoint
frequency
Manual VCO
calibrate (not
autoclearing)
0x00
0x0204
PLL2 RF VCO divider
(M1)
Reserved
PFD reference
edge select
PFD feedback
edge select
RF VCO
divider (M1)
power-down
RF VCO divider (M1), Bits[2:0]
0x00
0x0205
PLL2 loop filter
control
RPOLE2 (Ω), Bits[1:0]
RZERO (Ω), Bits[1:0]
CPOLE1 (pF), Bits[1:0]
0x00
0x0206
Reserved
Bypass internal
RZERO resistor
0x00
0x0207
PLL2 input divider
(R1)
Reserved
5-bit R1 divider, Bits[4:0]
0x00
0x0208
PLL2 feedback
divider (N2)
8-bit N2 divider, Bits[7:0]
0x00
0x0209
Reserved
N2 divider
power-down
N2 phase, Bits[5:0]
0x00
Clock Distribution Control
0x0300
Channel Output 0
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x00
0x0301
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x0302
Divide ratio, Bits[7:0]
0x04
0x0303
Channel Output 1
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x40
0x0304
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x0305
Divide ratio, Bits[7:0]
0x00
0x0306
Channel Output 2
Channel Control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x00
0x0307
Output format, Bits[1:0]
Coarse digital delay [5:0]
0x00
0x0308
Divide ratio [7:0]
0x04
0x0309
Channel Output 3
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x40
0x030A
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x030B
Divide ratio [7:0]
0x00
0x030C Channel Output 4
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x00
0x030D
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x030E
Divide ratio, Bits[7:0]
0x04
0x030F
Channel Output 5
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x40
0x0310
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x0311
Divide ratio, Bits[7:0]
0x00
0x0312
Channel Output 6
Channel control, Bits[2:0]
Fine analog
delay enable
Fine analog delay, Bits[3:0]
0x00
0x0313
Output format, Bits[1:0]
Coarse digital delay, Bits[5:0]
0x00
0x0314
Divide ratio, Bits[7:0]
0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com