Electronic Components Datasheet Search
  English  ▼

X  

AD9528 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9528 Datasheet HTML 51Page - Analog Devices AD9528 Datasheet HTML 52Page - Analog Devices AD9528 Datasheet HTML 53Page - Analog Devices AD9528 Datasheet HTML 54Page - Analog Devices AD9528 Datasheet HTML 55Page - Analog Devices AD9528 Datasheet HTML 56Page - Analog Devices AD9528 Datasheet HTML 57Page - Analog Devices AD9528 Datasheet HTML 58Page - Analog Devices AD9528 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 54 of 67
PLL1 CONTROL (REGISTER 0x0100 TO REGISTER 0x010B)
Table 43. PLL1 REFA Divider (RA) and REFB Divider (RB) Control
Address
Bits
Bit Name
Description
0x0100
[7:0]
10-bit REFA (R
A) divider
10-bit REFA divider, Bits[7:0] (LSB). Divide by 1 to divide by 1023.
0000000000, 0000000001 = divide by 1.
0x0101
[1:0]
10-bit REFA divider, Bits[9:8] (MSB).
0x0102
[7:0]
10-bit REFB (R
B) divider
10-bit REFB divider, Bits[7:0] (LSB). Divide by 1 to divide by 1023.
0000000000, 0000000001 = divide by 1.
0x0103
[1:0]
10-bit REFB divider, Bits[9:8] (MSB).
Table 44. PLL1 Feedback Divider (N1)
Address
Bits
Bit Name
Description
0x0104
[7:0]
10-bit N1 divider
10-bit feedback divider, Bits[7:0] (LSB). Divide by 1 to divide by 1023.
0000000000, 0000000001 = divide by 1.
0x0105
[1:0]
10-bit feedback divider, Bits[9:8] (MSB).
Table 45. PLL1 Charge Pump Control
Address
Bits
Bit Name
Description
0x0106
7
Force holdover
Tristates the PLL1 charge pump.
0 = normal operation.
1 = forces holdover.
[6:0]
PLL1 charge pump current (μA),
Bits[6:0]
These bits set the magnitude of the PLL1 charge pump current. Granularity is ~0.5 μA
with a full-scale magnitude of ~63.5 μA.
0x0107
[7:6]
Reserved
Reserved.
5
Disable holdover
Disable automatic holdover.
0 = automatic holdover enabled.
1 = automatic holdover disabled.
[4:2]
Reserved
Reserved.
[1:0]
Charge pump mode, Bits[1:0]
Controls the mode of the PLL1 charge pump.
00 = tristate (default).
01 = pump down.
10 = pump up.
11 = normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com