Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARRZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4870ARRZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARRZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4870ARRZ Datasheet HTML 14Page - Analog Devices ADA4870ARRZ Datasheet HTML 15Page - Analog Devices ADA4870ARRZ Datasheet HTML 16Page - Analog Devices ADA4870ARRZ Datasheet HTML 17Page - Analog Devices ADA4870ARRZ Datasheet HTML 18Page - Analog Devices ADA4870ARRZ Datasheet HTML 19Page - Analog Devices ADA4870ARRZ Datasheet HTML 20Page - Analog Devices ADA4870ARRZ Datasheet HTML 21Page - Analog Devices ADA4870ARRZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 17 of 24
Figure 58. Common-Mode Rejection vs. Frequency
Figure 59. Input Voltage Noise vs. Frequency
Figure 60. Turn-On/Turn-Off Time, VS = ±10 V
Figure 61. Power Supply Rejection (PSR) vs. Frequency, VS = ±20 V
Figure 62. Input Current Noise vs. Frequency
Figure 63. Input Common-Mode Voltage Range
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±20V
VS = ±5V
1
10
100
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–15
–10
–5
0
5
10
15
TIME (1µs/DIV)
VOUT
SD
VS = ±10V
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
+PSR
–PSR
FREQUENCY (Hz)
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
INN
INP
–50
–40
–30
–20
–10
0
10
20
30
40
50
–20
–16
–12
–8
–4
0
4
8
12
16
20
VICM (V)
VS = ±20V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com