Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARRZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4870ARRZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARRZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4870ARRZ Datasheet HTML 17Page - Analog Devices ADA4870ARRZ Datasheet HTML 18Page - Analog Devices ADA4870ARRZ Datasheet HTML 19Page - Analog Devices ADA4870ARRZ Datasheet HTML 20Page - Analog Devices ADA4870ARRZ Datasheet HTML 21Page - Analog Devices ADA4870ARRZ Datasheet HTML 22Page - Analog Devices ADA4870ARRZ Datasheet HTML 23Page - Analog Devices ADA4870ARRZ Datasheet HTML 24Page - Analog Devices ADA4870ARRZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 21 of 24
SAFE OPERATING AREA
The safe operating area (SOA) is a curve of output current vs.
output stage collector-emitter voltage (VCE), under which the
amplifier can operate at a safe junction temperature (TJ). The
area under the curves of Figure 74 shows the operational
boundaries of the ADA4870 for the PCB of Figure 75 that
maintains a TJ ≤ 150°C. The SOA curves of Figure 74 are unique
to the conditions under which they were developed, such as
PCB, heat sink, and ambient temperature.
Two heat sinks (VHS-45 and VHS-95) were used in the evaluation.
Both were assembled to the PCB using CT40-5 thermal interface
material.
All testing was done in a still-air environment. Forced air
convection in any of the test cases effectively lowers θJA and
moves the corresponding curve toward the upper right,
expanding the SOA. For more information on the ADA4870
evaluation board, see the ADA4870 User Guide.
In Figure 74, the horizontal line at 1 A is the output current
drive of the ADA4870. The curved section maintains a fixed
power dissipation that results in a junction temperature (TJ) of
150°C or less. Note that the x-axis is the output stage VCE (VCC −
VOUT or VOUT – VEE) developed across the relevant output
transistor of Figure 72 and ends at a maximum VCE of 20 V.
Figure 74. Safe Operating Area for Evaluation Board from Figure 75 at 25°C
and 85°C Ambient Temperature With and Without Heat Sink, No Air Flow
Figure 75. Details of the ADA4870 Evaluation Board
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
2
4
6
8
10
12
14
16
18
20
OUTPUT STAGE VCE (V)
MAXIMUM TJ = 150°C
25°C WITH VHS-45
25°C NO HEATSINK
85°C WITH VHS-95
85°C WITH VHS-45
85°C NO HEATSINK
6-LAYER HR370 PCB
WITH INTERNAL GROUND
AND POWER PLANES
COPPER
TOP/BOTTOM: 1.5oz
INNER LAYERS: 1oz
EXPOSED PAD LANDING VIAS
COUNT: 136
FILL: AE3030
DIAMETER: 12mil
PITCH: 35mil
2.45in (62mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com