Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARRZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4870ARRZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARRZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4870ARRZ Datasheet HTML 16Page - Analog Devices ADA4870ARRZ Datasheet HTML 17Page - Analog Devices ADA4870ARRZ Datasheet HTML 18Page - Analog Devices ADA4870ARRZ Datasheet HTML 19Page - Analog Devices ADA4870ARRZ Datasheet HTML 20Page - Analog Devices ADA4870ARRZ Datasheet HTML 21Page - Analog Devices ADA4870ARRZ Datasheet HTML 22Page - Analog Devices ADA4870ARRZ Datasheet HTML 23Page - Analog Devices ADA4870ARRZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADA4870
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
ON, INITIAL POWER-UP, AND SHORT-CIRCUIT
After initial power-up, the ON pin must be pulled low to ensure
that the amplifier is turned on. Subsequently, floating the ON
pin enables the short-circuit protection feature while the
amplifier remains on. While ON is held low, the short-circuit
protection feature is disabled.
When a short-circuit condition is detected, the amplifier is
disabled, the supply current drops to about 5 mA, and the TFL
pin outputs a dc voltage of ~300 mV. To turn the amplifier back
on after a short-circuit event, follow the sequence for initial
power-up.
Pulling the ON pin high disables the amplifier and causes the
supply current to drop to about 5 mA, as if a short-circuit
condition had been detected.
The impedance at the ON pin is ~20 kΩ. Lay out the PCB trace
leading to ON to avoid noise coupling into it and triggering a
false event. A 1 nF capacitor between ON and VEE is recommended
to help shunt noise away from ON.
THERMAL PROTECTION
In addition to short-circuit protection, the ADA4870 is also
protected against excessive die temperatures.
During normal operation, the TFL pin outputs a dc voltage
(referenced to VEE) ranging from 1.5 V to 1.9 V that is relative to
die temperature. The voltage on TFL changes at approximately
−3 mV/°C and can be used to indicate approximate increases in
die temperature. When excessive die temperatures are detected,
the amplifier switches to an off state, dropping the supply current to
approximately 5 mA, and TFL continues to report a voltage
relative to die temperature. When the die temperature returns
to an acceptable level, the amplifier automatically resumes
normal operation.
SHUTDOWN (SD)
The ADA4870 is equipped with a power saving shutdown feature.
Pulling SD low places the amplifier in a shutdown state, reducing
quiescent current to approximately 750 µA. When turning the
amplifier back on from the shutdown state, pull the SD pin high
and then pull the ON pin low. Following this sequence ensures
power-on. Afterwards, the ON pin can be floated to enable
short-circuit protection.
Pull SD high or low; do not leave SD floating.
FEEDBACK RESISTOR SELECTION
The feedback resistor value has a direct impact on the stability
and closed-loop bandwidth of current feedback amplifiers.
Table 6 provides a guideline for the selection of feedback
resistors for some common gain configurations.
Table 6. Recommended RF Values
Closed-Loop
Gain (V/V)
RF (Ω)
RG (Ω)
CL (pF)
RS (Ω)
+1
2000
Open
300
5
−1
1210
1210
300
5
+2
1500
1500
300
5
−2
1210
604
300
5
+5
1210
301
300
5
+10
1210
133
300
5
CAPACITIVE LOAD DRIVING
When driving a capacitive load (CL), the amplifier output resistance
and the load capacitance form a pole in the transfer function of
the amplifier. This additional pole reduces phase margin at
higher frequencies and, if left uncompensated, can result in
excessive peaking and instability. Placing a small series resistor (RS)
between the amplifier output and CL (as shown in Figure 69)
allows the ADA4870 to drive capacitive loads beyond 1 μF.
Figure 70 shows the series resistor value vs. capacitive load for a
maximum of 1 dB peaking in the circuit of Figure 69. For large
capacitive loads, RS values of less than 0.3 Ω are not
recommended.
Figure 71 shows the small signal bandwidth (SSBW) vs. CL with
corresponding RS values from Figure 70.
Figure 69. Circuit for Capacitive Load Drive
Figure 70. RS vs. CL for Maximum 1 dB Peaking for Circuit from Figure 69
50Ω
1.5kΩ
1.5kΩ
RS
VIN
CL
0
1
2
3
4
5
6
7
8
10p
100p
1n
10n
1µ
100n
CL (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com