Electronic Components Datasheet Search
  English  ▼

X  

ADA4870ARRZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4870ARRZ
Description  Ideal for driving high capacitive or low resistive loads
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4870ARRZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4870ARRZ Datasheet HTML 15Page - Analog Devices ADA4870ARRZ Datasheet HTML 16Page - Analog Devices ADA4870ARRZ Datasheet HTML 17Page - Analog Devices ADA4870ARRZ Datasheet HTML 18Page - Analog Devices ADA4870ARRZ Datasheet HTML 19Page - Analog Devices ADA4870ARRZ Datasheet HTML 20Page - Analog Devices ADA4870ARRZ Datasheet HTML 21Page - Analog Devices ADA4870ARRZ Datasheet HTML 22Page - Analog Devices ADA4870ARRZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADA4870
Data Sheet
Rev. 0 | Page 18 of 24
Figure 64. Input Offset Voltage vs. Temperature, VS = ±5 V,
VS = ±20 V
Figure 65. Quiescent Supply Current (Iq) vs. Temperature, VS = ±5 V, VS = ±20 V
(Enabled/Disabled via SD)
Figure 66. Forward Isolation vs. Frequency for 0 dBm and 10 dBm Input Levels
(Disabled via SD or ON)
Figure 67. Input Offset Voltage Distribution, VS = ±5 V,
VS = ±20 V
Figure 68. Input Bias Current vs. Temperature, VS = ±5 V, VS = ±20 V
–6
–5
–4
–3
–2
–1
0
1
0
25
45
65
85
TEMPERATURE (°C)
VS = ±5V
VS = ±20V
0
25
45
65
85
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
35
VS = ±20V
VS = ±5V
VS = ±5V
VS = ±20V
–140
–120
–100
–80
–60
–40
–20
0
20
40
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
ENABLED
DISABLED PIN = 10dBm
DISABLED PIN = 0dBm
0
500
1000
1500
2000
2500
3000
3500
–10
–8
–6
–4
–2
0
2
4
6
8
10
VS (mV)
VS = ±5V
VS = ±20V
–14
–10
–6
–2
2
6
10
14
0
25
45
65
85
TEMPERATURE (°C)
INP, VS = ±5V
INP, VS = ±20V
INN, VS = ±5V
INN, VS = ±20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com