Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP7182
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 2Page - Analog Devices ADP7182 Datasheet HTML 3Page - Analog Devices ADP7182 Datasheet HTML 4Page - Analog Devices ADP7182 Datasheet HTML 5Page - Analog Devices ADP7182 Datasheet HTML 6Page - Analog Devices ADP7182 Datasheet HTML 7Page - Analog Devices ADP7182 Datasheet HTML 8Page - Analog Devices ADP7182 Datasheet HTML 9Page - Analog Devices ADP7182 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADP7182
Data Sheet
Rev. I | Page 6 of 31
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADP7182
TOP VIEW
(Not to Scale)
1
GND
2
VIN
3
EN
5
VOUT
4
NC
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 3. 5-Lead TSOT Pin Configuration, Fixed Output Voltage
ADP7182
TOP VIEW
(Not to Scale)
1
GND
2
VIN
3
EN
5
VOUT
4
ADJ
Figure 4. 5-Lead TSOT Pin Configuration, Adjustable Output Voltage
Table 5. 5-Lead TSOT Pin Function Descriptions
TSOT Pin No.
Fixed Output Voltage
Adjustable Output Voltage
Mnemonic
Description
1
1
GND
Ground.
2
2
VIN
Regulator Input Supply. Bypass VIN to GND with a 2.2 µF or greater
capacitor.
3
3
EN
Drive EN 2 V above or below ground to enable the regulator, or
drive EN to ground to turn off the regulator. For automatic startup,
connect EN to VIN.
4
Not applicable
NC
No Connect. Do not connect to this pin.
Not applicable
4
ADJ
Adjustable Input. An external resistor divider sets the output voltage.
5
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 2.2 µF or
greater capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com