Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP7182
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 13Page - Analog Devices ADP7182 Datasheet HTML 14Page - Analog Devices ADP7182 Datasheet HTML 15Page - Analog Devices ADP7182 Datasheet HTML 16Page - Analog Devices ADP7182 Datasheet HTML 17Page - Analog Devices ADP7182 Datasheet HTML 18Page - Analog Devices ADP7182 Datasheet HTML 19Page - Analog Devices ADP7182 Datasheet HTML 20Page - Analog Devices ADP7182 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 17 of 31
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
04.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
HEADROOM VOLTAGE (V)
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
Figure 57. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = −3 V, Load Current (ILOAD) = −200 mA
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 58. Power Supply Rejection Ratio (PSRR) vs. Frequency,
Adjustable Output Voltage, VOUT = −15 V vs. Different Load Currents (ILOAD),
VIN = −15.5 V with Noise Reduction Network
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 59. Power Supply Rejection Ratio (PSRR) vs. Frequency,
Adjustable Output Voltage, VOUT = −15 V vs. Different Load Currents (ILOAD),
VIN = −16.5 V with Noise Reduction Network
0
–80
–70
–60
–50
–40
–30
–20
–10
02.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
HEADROOM VOLTAGE (V)
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
Figure 60. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
Adjustable Output Voltage, VOUT = −15 V with Noise Reduction Network,
Load Current (ILOAD) = −200 mA
1000
1
10
100
0.001
0.01
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = –5V
VOUT = –1.8V
VOUT = –15V ADJ NR
VOUT = –3V
VOUT = –1.2V
VOUT = –15V ADJ
Figure 61. RMS Noise vs. Load Current (ILOAD), Various Output Voltages
100k
1
10
100
1k
10k
1
100M
10M
1M
100k
10k
1k
100
10
FREQUENCY (Hz)
VOUT = –5V
VOUT = –1.8V
VOUT = –15V ADJ NR
VOUT = –3V
VOUT = –1.2V
VOUT = –15V ADJ
Figure 62. Noise Spectral Density, Various Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com