Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP7182
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 22Page - Analog Devices ADP7182 Datasheet HTML 23Page - Analog Devices ADP7182 Datasheet HTML 24Page - Analog Devices ADP7182 Datasheet HTML 25Page - Analog Devices ADP7182 Datasheet HTML 26Page - Analog Devices ADP7182 Datasheet HTML 27Page - Analog Devices ADP7182 Datasheet HTML 28Page - Analog Devices ADP7182 Datasheet HTML 29Page - Analog Devices ADP7182 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ADP7182
Data Sheet
Rev. I | Page 26 of 31
140
120
100
80
60
40
20
0
01.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 90. Junction Temperature vs. Total Power Dissipation for the
8-Lead LFCSP, TA = 50°C
140
120
100
80
60
40
20
0
01.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 91. Junction Temperature vs. Total Power Dissipation for the
8-Lead LFCSP, TA = 85°C
25
35
45
55
65
75
85
95
105
115
125
135
145
0
0.20.40.6
0.81.01.21.41.61.82.0
TOTAL POWER DISSIPATION (W)
6400 mm2
500 mm2
25 mm2
TJ MAX
Figure 92. Junction Temperature vs. Total Power Dissipation for the
6-Lead LFCSP, TA = 25°C
50
60
70
80
90
100
110
120
130
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TOTAL POWER DISSIPATION (W)
6400 mm2
500 mm2
25 mm2
TJ MAX
Figure 93. Junction Temperature vs. Total Power Dissipation for the
6-Lead LFCSP, TA = 50°C
65
75
85
95
105
115
125
135
145
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
0.8
1.0
TOTAL POWER DISSIPATION (W)
6400 mm2
500 mm2
25 mm2
TJ MAX
Figure 94. Junction Temperature vs. Total Power Dissipation for the
6-Lead LFCSP, TA = 85°C
140
120
100
80
60
40
20
0
01.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 95. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com