Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP7182
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP7182 Datasheet HTML 19Page - Analog Devices ADP7182 Datasheet HTML 20Page - Analog Devices ADP7182 Datasheet HTML 21Page - Analog Devices ADP7182 Datasheet HTML 22Page - Analog Devices ADP7182 Datasheet HTML 23Page - Analog Devices ADP7182 Datasheet HTML 24Page - Analog Devices ADP7182 Datasheet HTML 25Page - Analog Devices ADP7182 Datasheet HTML 26Page - Analog Devices ADP7182 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 23 of 31
ENABLE PIN OPERATION
The ADP7182 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is at ±2 V with
respect to GND, VOUT turns on, and when EN is at 0 V, VOUT
turns off. For automatic startup, EN can be connected to VIN.
When the device is disabled, a ~220 kΩ resistor connects to the
VOUT pin, which pulls the VOUT pin up to GND.
The ADP7182 provides a dual polarity enable pin (EN) that turns
on the LDO when |VEN| ≥ 2 V. The enable voltage can be positive or
negative with respect to ground.
0
–2.0
–1.5
–1.0
–0.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
ENABLE VOLTAGE (V)
VOUT WITH RISING VEN
VOUT WITH FALLING VEN
Figure 82. Typical EN Pin Operation
Figure 82 shows the typical hysteresis of the EN pin. This prevents
on/off oscillations that can occur due to noise on the EN pin as
it passes through the threshold points.
Figure 83 shows typical EN thresholds when the input voltage
varies from −2.7 V to −28 V.
1.0
–2.0
–1.5
–1.0
–0.5
0
0.5
–30
–26
–22
–18
–14
–10
–6
–2
INPUT VOLTAGE (V)
ENABLE+
DISABLE+
ENABLE–
DISABLE–
Figure 83. Typical EN Pin Thresholds vs. Input Voltage
Figure 84 and Figure 85 show the start-up behavior for a −5 V
output with positive and negative going enable signals.
CH1 500mV BW CH2 500mV BW M40µs
A CH1
590mV
T 10.20%
1
2
T
EN
VOUT
Figure 84. Typical Start-Up Behavior, Positive Going Enable
CH1 500mV BW CH2 500mV BW M40µs A CH1
–580mV
T 10.20%
1
2
T
EN
VOUT
Figure 85. Typical Start-Up Behavior, Negative Going Enable
SOFT START
The ADP7182 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for the −5 V option
is approximately 450 μs from the time the EN active threshold is
crossed to when the output reaches 90% of the final value. As
shown in Figure 86, the start-up time is dependent on the output
voltage setting.
2
–6
–5
–4
–3
–2
–1
0
1
0
1000
900
800
700
600
500
400
300
200
100
TIME (µs)
VEN
VOUT = –1.22V
VOUT = –3V
VOUT = –5V
Figure 86. Typical Start-Up Behavior, Different Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com