Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5686R
Description  Industrial Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 5 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0229
Rev. 0 | Page 5 of 6
Getting Started
Load the evaluation software by placing the CN-0229 evaluation
software CD into the CD drive of the PC. Using My Computer,
locate the drive that contains the evaluation software CD and
open the Readme file. Follow the instructions contained in the
Readme
file for installing and using the evaluation software.
Functional Block Diagram
Figure 5 shows a functional block diagram of the test setup. The
EVAL-CN0229-PADSSchematic
pdf file contains the detailed
circuit schematics for the CN-0229 evaluation board. This file
is contained in the CN-0229 Design Support Package:
http://www.analog.com/CN0229-DesignSupport
.
Setup
Connect the 120-pin connector on the EVAL-CN0229-SDPZ
circuit board to the CON A connector or the CON B connector
on the EVAL-SDP-CB1Z (SDP) board. Use nylon hardware to
firmly secure the two boards, using the holes provided at the
ends of the 120-pin connectors. After successfully setting the dc
output supply to +15 V, −15 V, and +6 V output, turn the power
supply off.
With power to the supply off, connect a +15 V power supply to
+15 V pin of CN1, a −15 V power supply to the −15 V pin of
CN1, and GND to the GND pin of CN1. Connect +6 V to CN2
the same way. Turn on the power supply and then connect the
USB cable with the SDP board to the USB port on the PC. Note:
Do not connect the USB cable to the Mini-USB connector on
the SDP board before turning on the dc power supply for the
EVAL-CN0229-SDPZ.
CN1
CN2
+15V −15V GND
+6V
GND
AGILENT E3631A
TRIPLE POWER SUPPLY
SDP
CON A
OR
CON B
USB
PC
CN3
OR
CN4
AGILENT
34401A
MULTIMETER
GPIB
USB
USB
VOUT
OR
IOUT
EVAL-CN0229-SDPZ
Figure 5. Test Setup Functional Block Diagram
Table 2. Jumper Settings for EVAL-CN0229-SDPZ (Bolded Values Are Default Settings)
Jumper1
Descriptions
Setting
Function
JP1_[CH]
VSENSE+ setting
Shorting
Shorts VSENSE+ with VOUT internally for Channel [CH].
Opening
VSENSE+ has no connection with VOUT internally for Channel [CH].
JP2_[CH]
VSENSE− setting
Shorting
Shorts VSENSE− with GND internally for Channel [CH].
Opening
VSENSE− has no connection with GND internally for Channel [CH].
JP3_[CH]
Shorting
Shorts VOUT and IOUT together for Channel [CH].
Shorts the VOUT and
IOUT pins
Opening
VOUT and IOUT have no connection internally for Channel [CH].
JP4_[CH]
Shorting
Adds an 1 nF compensation capacitor for Channel [CH].
Sets the external
compensation capacitor
Opening
Removes an 1 nF compensation capacitor for Channel [CH].
1 Note: [CH] = 1, 2, 3, or 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com