Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5686R
Description  Industrial Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 1 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Circuit Note
CN-0229
Devices Connected/Referenced
AD5750-2
Industrial Current/Voltage Output Driver
with Programmable Ranges
AD5686R
Quad, 16-Bit nanoDAC+ with 2.5 V,
2 ppm/°C On-Chip Reference
ADuM5400
Quad-Channel Isolator with Integrated
DC-to-DC Converter
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easy system integration to help solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0229.
ADuM1301
Triple-Channel Digital Isolator
4-Channel, Flexible, Configurable, Voltage, and Current Output Circuit for I/O Card
and PLC Applications
Rev. 0
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoevent shallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
AVDD
AVSS
DVCC
VREF
VIN
FAULT
AD5750-2
VOUT
RANGE
SCALE
IOUT
RANGE
SCALE
GND
AVDD AVSS
DVCC
FAULT
VOUT
IOUT
GND
AVDD AVSS
DVCC
FAULT
VOUT
IOUT
GND
AVDD
AVSS
VREF
VIN
FAULT
VOUT
IOUT
GND
+15V
–15V
+5V_ISO
+5V
ADuM5400
ADuM1301
SCLK
SDIN
SDO
SYNC1
SYNC2
LDAC
RESET
VOUT
IOUT
AD5750-2 OUTPUT RANGES:
VOUT:
0V TO 5V, 0V TO 10V,
±5V, ±10V
IOUT:
0mA TO 20mA
0mA TO 24mA
4mA TO 20mA
±20mA, ±24mA
FAULT INDICATOR
+15V
–15V
+15V
–15V
+15V
–15V
AD5750-2
AD5750-2
AD5750-2
SYNC1
SCLK
SDIN
SDO
DVCC
VREF
VIN
VREF
VIN
SCLK
VLOGIC
SYNC
SDIN
SDO
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
BUFFER
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
VREF
GND
VDD
2.5V
REFERENCE
POWER-
DOWN
LOGIC
POWER-ON
RESET
GAIN
×1/×2
RSTSEL
GAIN
LDAC
RESET
AD5686R/AD5685R/AD5684R
Figure 1. Simplified Schematic of the Analog Output Circuit (All Connections and Protection Circuits Not Shown)


Similar Part No. - AD5686R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5686R AD-AD5686R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5686R AD-AD5686R Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5686R AD-AD5686R Datasheet
787Kb / 12P
Full-featured evaluation board
Rev. 0
AD5686R AD-AD5686R Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
More results

Similar Description - AD5686R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2750 ETC-2SC2750 Datasheet
200Kb / 3P
High Speed High Current Switching Industrial Use
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
Industrial Analog Current/Voltage OUTPUT DRIVER
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
Industrial Current Out Driver, Single-Supply
1/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com