Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5686R
Description  Industrial Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 3 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0229
Rev. 0 | Page 3 of 6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
DAC CODE
Use the external 54 V, 600 W transient voltage suppressors (TVSs)
as the first stage of enhanced ESD protection. Place power Schottky
diodes in series with a 1 kΩ, 0.5 W resistor on the VSENSE+ and
VSENSE− pins of the AD5750-2, and place a 50 mA, 30 V
polyswitch on the VOUT and IOUT pins. These protective circuits
are included in the EVAL-CN0229-SDPZ circuit board to provide
50 V overvoltage protection and 50 mA overcurrent protection.
The optional external protection circuits are not shown in the
simplified schematic of Figure 1 but can be found in the detailed
schematic (EVAL-CN0229-SDPZ-PADSSchematic pdf file)
in the CN0229 Design Support package:
http://www.analog.com/CN0229-DesignSupport.
Construct the circuit on a multilayer printed circuit board (PCB)
board with a large area ground plane. Use proper layout,
grounding, and decoupling techniques to achieve optimum
system performance and low EMI (see Tutorial MT-031,
Grounding Data Converters and Solving the Mystery of "AGND"
and "DGND," and Tutorial MT-101, Decoupling Techniques).
Figure 3. DNL for 0 V to 5 V Output Range
–0.01
0
0.01
0.02
DAC CODE
Measurements
Integral nonlinearity (INL), differential nonlinearity (DNL), and
output error are the most important specifications for PLC, DCS,
and other process control systems. The AD5750-2 has highly
flexible and configurable output ranges that can be tailored to
meet the needs of the application. Measurements of INL, DNL,
and output error for the circuit are shown in Figure 2, Figure 3,
and Figure 4, respectively. This data was taken at 25°C in the
voltage output mode. The AD5750-2 range was set for 0 V to
5 V. The test results for all the other ranges are listed in Table 1.
–1.0
–0.5
0.0
0
1.0
1.5
DAC CODE
Figure 4. Output Error for 0 V to 5 V Output Range
Figure 2. INL for 0 V to 5 V Output Range



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com