Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5686R
Description  Industrial Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 6 Page - Analog Devices

  AD5686R Datasheet HTML 1Page - Analog Devices AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CN-0229
Circuit Note
Rev. 0 | Page 6 of 6
Test
After setting up the test equipment, connect the VOUT pin of
CN3 or the IOUT pin of CN4 to the input of the Agilent 34401A.
Ensure that the cable connection on the front panel of Agilent
34401A is correct, depending on the different input signal type
(current or voltage). Testing the INL, DNL, and output error takes a
considerable amount of time because all the AD5686R 16-bit
DAC levels must be set and measured by the Agilent 34401A.
The software provided on the CD allows the DAC codes to be
set by the PC. An automatic test program is necessary to step
through the codes and analyze the data. This is not provided on
the CD but must be implemented by the customer to correspond to
the requirements of the particular multimeter used in the test setup.
In the test configuration shown in Figure 5, the GPIB output of
the Agilent 34401A multimeter interfaces to a second USB port
on the PC using the National Instruments GPIB to USB-B interface
and cable. This allows the multimeter readings corresponding
to each code to be loaded into an Excel spreadsheet in the PC. The
data is then be analyzed for INL, DNL, and output error using
industry-standard definitions.
For more details on the definitions and how to calculate the INL,
DNL, and output error from the measured data, see the
Terminology section of the AD5686R data sheet and the Data
Conversion Handbook, "Testing Data Converters," Chapter 5,
Analog Devices.
LEARN MORE
CN-0229 Design Support Package:
http://www.analog.com/CN0229-DesignSupport
Slattery, Colm, Derrick Hartmann, and Li Ke, "PLC Evaluation
Board Simplifies Design of Industrial Process Control
Systems.” Analog Dialogue (April 2009).
CN-0202 Circuit Note, Flexible High Accuracy, Low Drift,
PLC/DCS Analog Output Module.
CN-0203 Circuit Note, Flexible PLC/DCS Analog Output
Module Using Only Two Analog Components.
CN-0204 Circuit Note, Flexible, High Voltage, High Accuracy,
Low Drift PLC/DCS Analog Output Module.
CN-0063 Circuit Note, 16-Bit Fully Isolated Voltage Output
Module Using the AD5662 DAC, ADuM1401 Digital Isolator,
and External Amplifiers, Analog Devices.
CN-0064 Circuit Note, 16-Bit Fully Isolated 4 mA to 20 mA
Output Module Using the AD5662 DAC, ADuM1401 Digital
Isolator, and External Amplifiers, Analog Devices.
CN-0065 Circuit Note, 16-Bit Fully Isolated Output Module
Using the AD5422 Single Chip Voltage and Current Output
DAC and the ADuM1401 Digital Isolator, Analog Devices.
CN-0066 Circuit Note, Fully Isolated Input Module Based on the
AD7793 24-Bit Σ-Δ ADC and the ADuM5401 Digital
Isolator, Analog Devices.
CN-0067 Circuit Note, Fully Isolated Input Module Based on the
AD7793 24-Bit Σ-Δ ADC, the ADuM5401 Digital Isolator,
and a High Performance In-Amp, Analog Devices.
CN-0097 Circuit Note, Simplified 12-Bit Voltage and 4 mA-to-20
mA Output Solution Using the AD5412, Analog Devices.
CN-0209 Circuit Note, Fully Programmable Universal Analog
Front End for Process Control Applications, Analog Devices.
AN-0971 Recommendations for Control of Radiated Emissions
with isoPower Devices by Mark Cantrell
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND”, Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
Walt Kester, Practical Design Techniques for Sensor Signal
Conditioning, Analog Devices, 1999, ISBN 0-916550-20-6
Walt Kester, Data Conversion Handbook, Chapter 5, Analog
Devices.
Data Sheets and Evaluation Boards
CN-0229 Circuit Evaluation Board (EVAL-CN0229-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
AD5750-2 Data Sheet and Evaluation Board
AD5686R Data Sheet and Evaluation Board
ADuM5400 Data Sheet and Evaluation Board
ADuM1301 Data Sheet and Evaluation Board
REVISION HISTORY
4/12—Rev. 0: Initial Version
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN10099-0-4/12(0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com