Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8475
Description  Devices Connected
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices AD8475 Datasheet HTML 10Page - Analog Devices AD8475 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Circuit Note
CN-0385
Rev. 0 | Page 7 of 13
shorter conversion time, and it allows the user to return to
acquisition phase before the end of conversion. Therefore, if the
user runs the ADC at slower throughput, there is have more
time to settle the kickback.
The signal must be settled by the end of the acquisition phase
for an accurate conversion. To maximize the time given for the
signal to settle, the multiplexer switches channels immediately
after the AD4003 begins its conversion phase.
In addition to settling from the multiplexed signal from the
output of the AD8475, the RC noise filter and AD4003 inputs
also need to settle to the voltage kickback that occurs at the
beginning of the acquisition phase. For more information, see
the Analog Dialogue article, Front-End Amplifier and RC Filter
Design for a Precision SAR Analog-to-Digital Converter.
The settling time for the circuit in Figure 7 was simulated in NI
Multisim, as shown in Figure 8. V1 represents the maximum
voltage step expected at either input of the AD4003 (from a
single-ended output of the AD8475). CNV and S1 simulate the
AD4003 switching from the conversion phase (occurring when
V1 changes value) to the acquisition phase (300 ns after start of
conversion). CNV keeps S1 open until 300 ns after V1 steps
from 0 V to 4 V to represent the transition from the conversion
phase to the acquisition phase. ADC_IN is the voltage that is
sampled by the AD4003 on a CNV rising edge.
The settling time for this portion of the system is equal to the
time between V1 switching to 4 V (at TIME = 0, see Figure 9) to
ADC_IN settling to 0.001% of 4 V.
Figure 8. Multisim™ Settling Time Model of the AD4003 and RC Noise Filter
The simulation results are shown in Figure 9. The time taken
for the output to settle to 0.001% of 4 V is tS_AD4003= 711 ns.
Figure 9. Settling Time Waveforms for the AD4003 and RC Noise Filter
Simulation Model
Total System Settling Time
The total settling time of the entire circuit shown in Figure 1
can now be estimated by calculating the rss of the settling times
for each component:
•
tS_ADG5207 = 188 ns
•
tS_AD8251 = 1000 ns
•
tS_AD8475 = 200 ns
•
tS_AD4003 = 711 ns
•
ns
1257
ns
11
7
ns
200
μs
1
ns
188
t
2
2
2
2
S_TOTAL
≈
+
+
+
=
The expected maximum channel switching sample rate of the
system is then
kSPS
795
ns
1257
1
≈
<
SR
f
Offset and Gain Error Results
Table 4 shows the offset error measured (in LSBs) for each of the
channels in each gain configuration for the circuit in Figure 1.
Table 4 also shows the average offset error of all of the channels
for each gain configuration.
The offset errors were measured by grounding all of the channel
inputs and collecting and averaging 32,768 samples taken on
each of the channels in each gain configuration.
Table 4. Offset Error Measurements for all Channels and Gain Configurations (Error in LSBs)
Gain
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
Channel Average
0.4
1.34
1.33
1.31
1.36
1.44
1.45
1.46
1.48
1.40
0.8
1.98
1.99
2.02
2.06
2.00
1.98
1.99
1.97
2.00
1.6
3.25
3.19
3.22
3.19
3.17
3.08
3.13
3.14
3.17
3.2
5.57
5.66
5.67
5.55
5.57
5.50
5.54
5.52
5.57
XSC1
A
B C
D
G
T
NOT
U1
C2
40pF
CNV PHASE
0V 3.3V
300ns 10µs
V1
0V 4V
5µs 10µs
CNV
ADC_IN
R2
400Ω
S1
+ –
C1
120pF
V1
RC_EXT
R1
200Ω
TIME (µs)
ADC_IN
V1
4.0V
4.0V
3.3V
4.0V
CNV
RC_EXT
711ns, 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com