Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8475
Description  Devices Connected
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 1 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Circuit Note
CN-0385
Circuits from the Lab® reference designs are engineered and
tested for quick and easy system integration to help solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0385.
Devices Connected/Referenced
AD4003
18-Bit, 2 MSPS, PulSAR®, 7.0 mW ADC in
MSOP/QFN
AD8251
10 MHz, 20 V/μs, G = 1, 2, 4, 8, iCMOS
Programmable Gain Instrumentation
Amplifier
ADuM141E
Robust, Quad Channel Isolator with
Output Enable and 1 Reverse Channel
ADG5207
High Voltage, Latch-Up Proof, 8-Channel
Differential Multiplexer
AD8475
Precision, Selectable Gain, Fully
Differential Amplifier
ADA4807-2
3.1 nV/√Hz, 1 mA, 180 MHz, Rail-to-Rail
Input/Output Dual Op Amp
Isolated, Multichannel Data Acquisition System with PGIA for Single-Ended and
Differential Industrial Level Signals
Rev. 0
CircuitsfromtheLab® referencedesignsfromAnalogDevices havebeendesignedandbuiltbyAnalog
Devicesengineers.Standardengineeringpracticeshavebeenemployedinthedesignandconstruction
ofeachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironment
at room temperature. However, you are solely responsible for testing the circuit and determining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog Devices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2016 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0385 Circuit Evaluation Board (EVAL-CN0385-FMCZ)
System Demonstration Platform (EVAL-SDP-CH1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 is a cost effective, isolated, multi-
channel data acquisition system that is compatible with standard
industrial signal levels. The components are specifically selected
to optimize settling time between samples, providing 18-bit
performance at channel switching rates up to approximately
750 kHz.
The circuit can process eight gain-independent channels and is
compatible with both single-ended and differential input signals.
The analog front end includes a multiplexer, programmable
gain instrumentation amplifier (PGIA); precision analog-to-
digital converter (ADC) driver for performing the single-ended
to differential conversion; and an 18-bit, 2.0 MSPS precision
PulSAR® ADC for sampling the signal on the active channel.
Gain configurations of 0.4, 0.8, 1.6, and 3.2 are available.
The maximum sample rate of the system is 2 MSPS in turbo mode,
and 1.5 MSPS in normal mode. The channel switching logic is
synchronous to the ADC conversions, and the maximum channel
switching rate is 1.5 MHz. A single channel can be sampled at
up to 2 MSPS with 18-bit resolution in turbo mode. Channel
switching rates up to 750 kHz also provide 18-bit performance.


Similar Part No. - AD8475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD8475 AD-AD8475 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
AD8475 AD-AD8475 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
AD8475 AD-AD8475 Datasheet
3Mb / 42P
Precision, Low Power Differential Amplifier/ADC Driver Family
Rev. C
AD8475-EVALZ AD-AD8475-EVALZ Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results

Similar Description - AD8475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0216 AD-CN0216 Datasheet
603Kb / 5P
Devices Connected
Rev. 0
CN0221 AD-CN0221 Datasheet
418Kb / 5P
Devices Connected
Rev. C
CN0253 AD-CN0253 Datasheet
135Kb / 4P
Devices Connected
Rev. A
CN0267 AD-CN0267 Datasheet
336Kb / 8P
Devices Connected
Rev. B
CN0269 AD-CN0269 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
CN0287 AD-CN0287 Datasheet
476Kb / 9P
Devices Connected
Rev. C
CN0326 AD-CN0326 Datasheet
519Kb / 7P
Devices Connected
Rev. 0
CN0336 AD-CN0336 Datasheet
301Kb / 7P
Devices Connected
Rev. A
CN0357 AD-CN0357 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
CN0388 AD-CN0388 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com