Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8475
Description  Devices Connected
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices AD8475 Datasheet HTML 10Page - Analog Devices AD8475 Datasheet HTML 11Page - Analog Devices AD8475 Datasheet HTML 12Page - Analog Devices AD8475 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CN-0385
Circuit Note
Rev. 0 | Page 12 of 13
First, connect a 5 V to 12 V dc wall wart to the P3 dc jack or to
Terminal Block J1 and Jumper J2 on position V_EXT. Or, place
J2 in position V_FMC to use the 12 V supply from the SDP-H1
board. Then connect the SDP-H1 board to the PC via the USB
to micro-USB cable.
Test
With the power supply or dc wall wart and USB cable connected,
launch the evaluation software. When USB communications are
established, the SDP-H1 board can be used to send, receive, and
capture data from the EVAL-CN0385-FMCZ board and perform
data analysis in the time and frequency domains.
Information and details regarding test setup and calibration,
and how to use the evaluation software for data capture can be
found in the CN-0385 Software User Guide (available at
www.analog.com/CN0385-UserGuide).
Figure 27. EVAL-CN0385-FMCZ Evaluation Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com