Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 11Page - Active-Semi, Inc ACT8870 Datasheet HTML 12Page - Active-Semi, Inc ACT8870 Datasheet HTML 13Page - Active-Semi, Inc ACT8870 Datasheet HTML 14Page - Active-Semi, Inc ACT8870 Datasheet HTML 15Page - Active-Semi, Inc ACT8870 Datasheet HTML 16Page - Active-Semi, Inc ACT8870 Datasheet HTML 17Page - Active-Semi, Inc ACT8870 Datasheet HTML 18Page - Active-Semi, Inc ACT8870 Datasheet HTML 19Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
15
Shutdown Level
Above ILIMSET = 11
+12.5
+22.5
+32.5
%
PMOS On-Resistance
ISW = -500mA
0.08
Ω
NMOS On-Resistance
ISW = 500mA
0.05
Ω
SW Leakage Current
VVIN_BX = 5.5V, VSW = 0 or 5.5V
1
µA
Dynamic Voltage Scaling Rate
Bx_SLEW=00
Bx_SLEW=01
Bx_SLEW=10
Bx_SLEW=11
Not
Allowed
14.0
3.50
0.88
mV/us
Switching Rise / Fall Times
Bx_DRVADJ=00 VIN_Bx = 5V
Bx_DRVADJ=01
Bx_DRVADJ=10
Bx_DRVADJ=11
6.3/9.0
4.5/7.4
3.1/5.9
3.0/5.0
ns
Discharge Resistance
Enabled when regulator disabled
6.25
9.40
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com