Electronic Components Datasheet Search
  English  ▼

X  

ACT8870 Datasheet(PDF) 27 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 27 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc ACT8870 Datasheet HTML 27Page - Active-Semi, Inc ACT8870 Datasheet HTML 28Page - Active-Semi, Inc ACT8870 Datasheet HTML 29Page - Active-Semi, Inc ACT8870 Datasheet HTML 30Page - Active-Semi, Inc ACT8870 Datasheet HTML 31Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
27
voltage step, slew rate, and load current conditions do
not result in an instantaneous loading that results in a
current limit condition.
Enter DVS by programming register 0x00h bit1
(DVS_EN) = 1 and then pulling the EXT_EN pin high.
Note that some CMI configurations may not require
DVS_EN = 1 and may use different input pins.
Bx_VSET0
must
be
higher
than
Bx_VSET1.
PWR_GOOD, OV, and ILIM are automatically masked
during DVS transitions to avoid asserting nRESET.
Optimizing Noise
Each buck converter contains several features available
via I2C to further optimize functionality. The top P-ch
FET’s turn-on timing can be shifted 100ns from the mas-
ter clock edge via the PHASE_DELAY I2C bit. It can also
be aligned to the rising or falling clock edge via the
PHASE I2C bit. The internal FET rise and fall times can
be optimized to minimize switching noise at the cost of
lower efficiency via the DRVADJ I2C bit.
Overcurrent and Short Circuit Protection
Each buck converter provides overcurrent and short cir-
cuit protection. Overcurrent protection is achieved with
cycle-by-cycle current limiting. The peak current thresh-
old is set by the Bx_ILIM I2C bits. If the peak current
reaches the programmed threshold for 16 consecutive
switching cycles, the IC asserts IRQ low. A short circuit
condition that results in the peak switch current being
122% of Bx_ILIMSET immediately shuts down all sup-
plies, asserts IRQ low and restarts the system in 100ms.
If a buck converter reaches overcurrent or short circuit
protection, the status is reported in the ILIM_REG[x] I2C
registers. The contents of these registers are latched
until read via I2C. Overcurrent and short circuit condi-
tions can be masked via the I2C bit Bx_ILIM_FLTMSK.
Compensation
The buck converters utilize current-mode control and a
proprietary internal compensation scheme to simultane-
ously simplify external component selection and opti-
mize transient performance over their full operating
range. No compensation design is required; simply fol-
low a few simple guide lines described below when
choosing external components.
Minimum On-Time
The ACT8870 minimum on-time is 120ns. If the calcu-
lated on-time is less than 120ns with 2.25MHz opera-
tion, then the user must configure the output to switch
at 1.125MHz. Setting I2C bits Bx_HalfFreq = 0 sets Fsw
= 2.25MHz. Setting Bx_HalfFreq = 1 sets Fsw =
1.125MHz. The following equation calculates the on-
time.
∗
Where Vout is the output voltage, Vin is the input voltage,
and FSW is the switching frequency.
BUCK1 Bypass Switch
The ACT8870 provides a bypass mode for 3.3V
systems. This allows the 3.3V input voltage to power the
ACT8870 regulators and also be sequenced to the
downstream loads. In bypass mode, the Buck1 P-ch
FET acts as a switch and the N-ch FET is disabled. The
bypass switch turns on the 3.3V rail with the
programmed delay and softstart time.
In bypass mode, the ACT8870 I2C registers are
reconfigured to the following.
1. B1_PWR_GOOD register bit reconfigured to the
output of the Soft Start ramp. When soft start is
complete, this bit goes high to allow the sequencing
of
the
other
regulators
to
continue.
B1_PWR_GOOD no longer reports the Buck1
output voltage status. It stays high as long as the
bypass switch is enabled.
2. B1_ILIM bit is the output of the PMOS Current
Detection circuit. In an overcurrent condition,
B1_ILIM triggers an IRQ output and gets latched in
the ILIM_REG[0] if configured by the IRQ_nMASK.
The B1_ILIM can also be masked with the
B1_ILIM_FLTMSK register.
3. B1_UV register bit reconfigured to the output of the
PMOS Current Shutdown circuit. This is set to 6A
typical. If the bypass switch current exceeds 6A,
limits the current which triggers an under voltage
fault condition and moves the IC into the OVUVFLT
state. This immediately shuts down all regulators
including the bypass switch. The system restarts in
100mS,
following
the
programmed
startup
sequencing. This fault can be masked with I2C bit
UV_nMASK. This fault is latched in the UV_REG
I2C bit. Shutdown due to overcurrent can also be
masked via the I2C bit B1_PG_FLTMSK.
4. B1_OV is disabled. There is no overvoltage
detection circuitry on the output of the bypass
switch.
Input Capacitor Selection
Each regulator requires a high quality, low-ESR,
ceramic input capacitor. Note that even though each
buck converter has separate input pins, all input pins
must be connected to the same voltage potential. 10uF
capacitors are typically suitable, but this value can be
increased without limit. Smaller capacitor values can be
used with lighter output loads. Choose the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com