Electronic Components Datasheet Search
  English  ▼

X  

WM8198 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8198
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8198 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
w
WM8198
(8 + 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, June 2004, Rev 4.0
Copyright
2002 Wolfson Microelectronics plc
DESCRIPTION
The WM8198 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 6MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8 or 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 5V and a digital
interface supply of either 5V or 3.3V, the WM8198 typically
only consumes 195mW when operating from a single
5V supply.
FEATURES
•
16-bit ADC
•
6MSPS conversion rate
•
Low power – 212mW typical
•
5V single supply or 5V/3.3V dual supply operation
•
Single or 3 channel operation
•
Correlated double sampling
•
Dual Range Programmable Gain Amplifier (9-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
8 or 4-bit wide multiplexed data output formats
•
Internally generated voltage references
•
28-pin SSOP package
•
Serial control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM
RINP
DATA
I/O
PORT
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
DVDD2
TIMING CONTROL
CL
RLC/ACYC
RLC
V
S
R
S
BINP
GINP
VRX
VRT
OEB
M
U
X
VRB
RLC
RLC
CDS
CDS
CDS
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
ADC
AGND1
DGND
AVDD
DVDD1
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]/SDO
AGND2
M
U
X
VREF/BIAS
M
U
X
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
9
8
PGA
9
8
PGA
9
8
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
OFFSET
DAC
OFFSET
DAC
OFFSET
DAC
RLC
DAC
w
WM8198


Similar Part No. - WM8198

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8191 WOLFSON-WM8191 Datasheet
355Kb / 27P
14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
More results

Similar Description - WM8198

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com