Electronic Components Datasheet Search
  English  ▼

X  

WM8198 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8198
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8198 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
18
SCK
SEN
SDI
a5
1
a3 a2 a1 a0
x
x
xxx
xxx
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO/
OP[7]
OEB
Figure 15 Serial Interface Register Read-back
TIMING REQUIREMENTS
To use this device a master clock (MCLK) of up to 12MHz and a per-pixel synchronisation clock
(VSMP) of up to 6MHz are required. These clocks drive a timing control block, which produces
internal signals to control the sampling of the video signal. MCLK to VSMP ratios and maximum
sample rates for the various modes are shown in Table 4.
PROGRAMMABLE VSMP DETECT CIRCUIT
The VSMP input is used to determine the sampling point and frequency of the WM8198. Under
normal operation a pulse of 1 MCLK period should be applied to VSMP at the desired sampling
frequency (as shown in the Operating Mode Timing Diagrams) and the input sample will be taken on
the first rising MCLK edge after VSMP has gone low. However, in certain applications such a signal
may not be readily available. The programmable VSMP detect circuit in the WM8198 allows the
sampling point to be derived from any signal of the correct frequency, such as a CCD shift register
clock, when applied to the VSMP pin.
When enabled, by setting the VSMPDET control bit, the circuit detects either a rising or falling edge
(determined by POSNNEG control bit) on the VSMP input pin and generates an internal VSMP pulse.
This pulse can optionally be delayed by a number of MCLK periods, specified by the VDEL[2:0] bits.
Figure 16 shows the internal VSMP pulses that can be generated by this circuit for a typical clock
input signal. The internal VSMP pulse is then applied to the timing control block in place of the
normal VSMP pulse provided from the input pin. The sampling point then occurs on the first rising
MCLK edge after this internal VSMP pulse, as shown in the Operating Mode Timing Diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com