Electronic Components Datasheet Search
  English  ▼

X  

WM8198 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8198
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8198 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
17
OUTPUT
FORMAT
MUXOP[1:0]
OUTPUT
PINS
OUTPUT
8+8-bit
multiplexed
00, 01, 10
OP[7:0]
A = d15, d14, d13, d12, d11, d10, d9, d8
B = d7, d6, d5, d4, d3, d2, d1,d0
4+4+4+4-bit
(nibble)
11
OP[7:4]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
Table 1 Details of Output Data Shown in Figure 12 and Figure 13.
CONTROL INTERFACE
The internal control registers are programmable via the serial digital control interface. The register
contents can be read back via the serial interface on pin OP[7]/SDO.
Note: It is recommended that a software reset is carried out after the power-up sequence, before
writing to any other register. This ensures that all registers are set to their default values (as shown
in Table 5).
SERIAL INTERFACE: REGISTER WRITE
Figure 14 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data
word (b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK.
When the data has been shifted into the device, a pulse is applied to SEN to transfer the data to the
appropriate internal register. Note all valid registers have address bit a4 equal to 0 in write mode.
SCK
SEN
SDI
a5
0
a3a2a1
a0b7b6b5
b4b3b2b1b0
Address
Data Word
Figure 14 Serial Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, i.e. Data Word
= XXXXXXXX.
SERIAL INTERFACE: REGISTER READ-BACK
Figure 15 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge
of SCK). Note that pin SDO is shared with an output pin, OP[7], therefore OEB should always be
held low when register read-back data is expected on this pin. The next word may be read in to SDI
while the previous word is still being output on SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com