Electronic Components Datasheet Search
  English  ▼

X  

WM8198 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8198
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8198 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8198 Datasheet HTML 31Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
27
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
LINEBYLINE
0
Selects line by line operation 0 = normal operation,
1 = line by line operation.
When line by line operation is selected MONO is forced to 1 and CHAN[1:0] to
00 internally, ensuring that the correct internal timing signals are produced.
Green and Blue PGAs are also disabled to save power.
1
ACYCNRLC
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit determines the function of the RLC/ACYC
input pin and the input multiplexer and offset/gain register controls.
0 = RLC/ACYC pin enabled for Reset Level Clamp. Internal selection of input
and gain/offset multiplexers,
1 = Auto-cycling enabled by pulsing the RLC/ACYC input pin.
See Table 4, Colour Selection Description in Line-by-Line Mode for colour
selection mode details.
When auto-cycling is enabled, the RLC/ACYC pin cannot be used for reset
level clamping. The RLCINT bit may be used instead.
2
FME
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit controls the input force mux mode:
0 = No force mux, 1 = Force mux mode. Forces the input mux to be selected
by FM[1:0] separately from gain and offset multiplexers.
See Table 4 for details.
3
RLCINT
0
When LINEBYLINE = 1 and ACYCNRLC = 1 this bit is used to determine
whether Reset Level Clamping is used.
0 = RLC disabled, 1 = RLC enabled.
5:4
INTM[1:0]
00
Colour selection bits used in internal modes.
00 = Red, 01 = Green, 10 = Blue and 11 = Reserved.
See Table 4 for details.
Setup
Register 4
7:6
FM[1:0]
00
Colour selection bits used in input force mux modes.
00 = RINP, 01 = GINP, 10 = BINP and 11 = Reserved.
See Table 4 for details.
0
VSMPDET
0
0 = Normal operation, signal on VSMP input pin is applied directly to Timing
Control block.
1 = Programmable VSMP detect circuit is enabled. An internal synchronisation
pulse is generated from signal applied to VSMP input pin and is applied to
Timing Control block.
3:1
VDEL[2:0]
000
When VSMPDET = 0 these bits have no effect.
When VSMPDET = 1 these bits set a programmable delay from the detected
edge of the signal applied to the VSMP pin. The internally generated pulse is
delayed by VDEL MCLK periods from the detected edge.
See Figure 16, Internal VSMP Pulses Generated for details.
Setup
Register 5
4
POSNNEG
0
When VSMPDET = 0 this bit has no effect.
When VSMPDET = 1 this bit controls whether positive or negative edges
are detected:
0 = Negative edge on VSMP pin is detected and used to generate internal
timing pulse.
1 = Positive edge on VSMP pin is detected and used to generate internal
timing pulse.
See Figure 16 for further details.
Setup
Register 6
3:0
SELDIS[3:0]
0000
Selective power disable register - activated when SELPD = 1.
Each bit disables respective cell when 1, enabled when 0.
SELDIS[0] = Red CDS, PGA
SELDIS[1] = Green CDS, PGA
SELDIS[2] = Blue CDS, PGA
SELDIS[3] = ADC
Special
Function
1
HIGHSPEED
0
0 = Normal operation
1 = Bias currents to analogue signal path increased to allow high speed
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com